データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A2DY-R2/Q

  • AI
    The part number **W2AC-A2DY-R2/Q** refers to a high-performance **Brushless DC (BLDC) Motor / Fan assembly**, typically manufactured by companies like **Sanyo Denki** or specialized industrial motor providers. These parts are engineered for high-reliability cooling in server racks, industrial control cabinets, and telecommunications infrastructure. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 24V or 48V DC (Standard for "W" series) | | **Bearing Type** | Dual Ball Bearing (High durability) | | **Housing Material** | Aluminum Die-cast / UL94V-0 Plastic PBT | | **Signal Output** | Pulse Sensor (Tachometer) / Locked Rotor Alarm | | **Protection** | Reverse Polarity & Over-current Protection | | **Speed Control** | PWM (Pulse Width Modulation) compatible | --- ### 2. Electronic Component Breakdown The "electronics" within this unit consist of an integrated drive circuit located on a PCB behind the motor hub. Key components include: #### A. The Commutation Controller (IC) Unlike brushed motors that use physical brushes, the **A2DY-R2** series uses a specialized IC to switch the electromagnetic fields. It detects the rotor position using **Hall Effect Sensors** and times the electrical pulses to the stator windings. #### B. The Output Stage (MOSFETs) To handle the current required for high-speed rotation, the internal PCB contains a set of **Power MOSFETs**. These act as electronic switches that energize the motor phases. #### C. The "/Q" Designation (Quality/Quiet Spec) In industrial nomenclature, the **/Q** suffix often denotes a specific quality standard or a "Quiet" optimized drive curve. This means the internal firmware is tuned to reduce **switching noise** (the high-pitched whine common in PWM-controlled fans). #### D. Signal Lines (Wire Colors) - **Red/Black:** Power Input (VCC/GND). - **Yellow/White:** Tachometer output (Frequency Generator - FG) which sends a square wave signal to the CPU to monitor RPM. - **Blue/Brown:** PWM Control input, allowing the system to adjust speed based on temperature. --- ### 3. Key Electronic Protections 1. **Locked Rotor Protection:** If the blades are physically obstructed, the electronics detect the lack of Hall sensor movement and cut power to the coils to prevent thermal runaway/fire. 2. **Soft Start:** The circuitry limits the "inrush current" when the fan first starts, preventing voltage spikes on the power supply rail. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage and RPM rating for this model?
    • ⤷ How do I wire the tachometer signal to a microcontroller like an Arduino?
    • ⤷ What are the common failure modes of the internal PCB in BLDC fans?