データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A3AB-R/N

  • AI
    The **W2AC-A3AB-R/N** is a specific model identifier typically associated with **Delta Electronics' W2 Series** AC Servo Motors or related power management components. Below is a breakdown of its core electronic characteristics and specifications. --- ## 1. Technical Specifications The part belongs to a series designed for high-precision motion control and industrial automation. | Feature | Specification | | :--- | :--- | | **Component Type** | AC Servo Motor / Integrated Component | | **Input Voltage** | 200V - 230V AC (Standard Single/Three Phase) | | **Power Output** | Typically rated for 200W to 400W (depending on series context) | | **Feedback System** | Incremental or Absolute Encoder | | **Cooling** | Natural Cooling / Heat Sink integrated | | **Protection Class** | IP65/IP67 (Typical for 'W' series housing) | --- ## 2. Key Electronic Parts & Construction Inside this unit, several critical electronic subsystems work together to provide motion and control: ### A. The Stator and Rotor * **Permanent Magnets:** High-grade Rare Earth magnets (Neodymium) are used on the rotor to ensure high torque-to-inertia ratios. * **Windings:** High-density copper windings treated with class F insulation to handle heat during high-speed switching. ### B. Encoder Assembly The "R/N" designation often refers to the feedback resolution or the connector type: * **Resolution:** Provides digital pulses to the Servo Drive to ensure the motor reached the exact position. * **Electronic Communication:** Uses a serial protocol to communicate position data, temperature, and error codes back to the controller. ### C. Connection Interface * **Power Pins:** 3-phase (U, V, W) plus Ground. * **Brake Pins (Optional):** If the model includes a "B" suffix, it contains an internal electromagnetic brake coil. --- ## 3. Nomenclature Breakdown While manufacturer-specific codes vary, the "W2" series nomenclature generally follows this logic: | Code Segment | Meaning | | :--- | :--- | | **W2** | Series designation (High-performance industrial) | | **AC** | AC Voltage input type | | **A3** | Power rating indicator (likely 300W-400W range) | | **AB** | Frame size or shaft configuration | | **R/N** | Revision code or specific Connector/Standard (e.g., RoHS compliant) | --- ## 4. Operational Circuit Example To drive this part, it must be connected to a matching Servo Drive. The basic wiring logic follows this structure: ```mermaid graph LR A[Power Supply 220V] --> B[Servo Drive] B --> C[W2AC Motor Power U/V/W] C --> D[Encoder Feedback] D --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the specific torque rating for the W2AC-A3AB-R/N model?
    • ⤷ Is this motor compatible with Delta ASDA-A2 or B2 series drives?
    • ⤷ What are the dimensions and frame size for the 'AB' configuration?