データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A42B-R/Q

  • AI
    The **W2AC-A42B-R/Q** typically refers to a specialized AC-DC power supply module or an industrial controller component, often associated with brands like **Omron** or similar industrial automation manufacturers. Below is a detailed breakdown of the electronic parts and specifications commonly associated with this series. --- ## 1. Core Specifications The alphanumeric code provides insight into the electronic capabilities of the unit. | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100–240V AC | Wide-range universal AC input for global compatibility. | | **Output Voltage** | 24V DC (Standard) | Common industrial control voltage for PLCs and sensors. | | **Form Factor** | DIN-rail or Panel Mount | Designed for integration into industrial control cabinets. | | **Suffix R/Q** | Redundancy/Quality Spec | Indicates specific protection layers or high-reliability certifications. | --- ## 2. Key Electronic Components This device is comprised of several critical electronic sub-systems: ### A. Power Conversion Stage * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Switching MOSFETs:** High-frequency transistors that "chop" the DC signal to allow for efficient voltage step-down via a transformer. * **Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output. ### B. Filtering and Smoothing * **Electrolytic Capacitors:** Used for bulk energy storage and to smooth out DC ripples. * **Inductors (Chokes):** Part of the LC filter circuit to suppress electromagnetic interference (EMI) and electrical noise. ### C. Protection Circuitry * **Varistors (MOV):** Protects the internal components from high-voltage surges (spikes). * **Optical Isolators:** Transfers feedback signals from the output back to the input controller without physical electrical contact, ensuring safety. * **Current Sense Resistor:** Monitors the output load to trigger "Overcurrent Protection" (OCP) if a short circuit occurs. --- ## 3. The "R/Q" Suffix Meaning In industrial electronics, these suffixes often denote specific component grades: 1. **R (Relay/Redundancy):** Often indicates an integrated relay contact that closes when power is "OK," or support for redundant parallel wiring. 2. **Q (Quick/Quality):** May refer to "Quick-connect" terminals or a specific "High-Quality" screening process for harsh environments. --- ## 4. Technical Summary Table | Component Category | Function | | :--- | :--- | | **EMI Filter** | Prevents the device from injecting noise back into the power grid. | | **PWM Controller IC** | The "brain" that regulates the duty cycle to maintain a steady output. | | **Schottky Diodes** | Used for high-speed rectification on the output side to minimize heat loss. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2AC-A42B-R/Q model?
    • ⤷ Does this unit support parallel operation for redundancy?
    • ⤷ What are the specific mounting requirements for this electronic part?