データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A42D-R2/Q

  • AI
    Based on the technical designation, the **W2AC-A42D-R2/Q** refers to a specialized **Industrial AC Servo Motor**, typically associated with manufacturers like **Sanyo Denki** (Sanmotion series). --- ## 1. Component Specification Overview Below is the technical breakdown of the electronic parts and specifications for this motor series: | Parameter | Specification Details | | :--- | :--- | | **Motor Type** | AC Synchronous Servo Motor | | **Input Voltage** | 200V - 230V AC (Standard 3-Phase) | | **Rated Output** | Generally 200W to 400W (depending on frame size) | | **Encoder Type** | Incremental or Absolute (typically 17-bit or 20-bit) | | **Brake Option** | Integrated Electromagnetic Brake (indicated by 'B' or 'R' suffixes) | | **Frame Size** | 40mm or 60mm (Standardized) | --- ## 2. Key Electronic Features ### A. Feedback System (The "/Q" Suffix) The **Q** suffix usually denotes a high-resolution **Encoder**. - **Function:** It provides real-time position and velocity feedback to the Servo Drive. - **Parts:** Contains an optical disk, LED light source, and photodetector array. ### B. Winding and Insulation - **Stator:** High-density copper windings treated with Class F or H insulation to withstand high temperatures during rapid acceleration. - **Rotor:** Permanent magnets (typically Neodymium-Iron-Boron) for high torque-to-inertia ratios. ### C. Connectors and Wiring The motor utilizes specialized industrial connectors to ensure EMI (Electromagnetic Interference) shielding: 1. **Power Connector:** U, V, W, and Ground pins. 2. **Encoder Connector:** Provides power to the encoder (5V DC) and transmits differential signals (A, B, Z phases). --- ## 3. Part Number Breakdown Logic While exact codes vary by manufacturer, the string generally follows this logic: 1. **W2AC:** Series designation (High-speed, low-inertia). 2. **A42D:** Physical frame size and stack length (Determines the torque capacity). 3. **R2:** Shaft type (e.g., Keyed shaft) or special flange mounting. 4. **Q:** Feedback resolution/High-accuracy sensor specification. --- ## 4. Maintenance and Fault Signs | Electronic Failure | Probable Cause | | :--- | :--- | | **Encoder Error** | Dirty optical disk or cable interference. | | **Insulation Breakdown** | Overheating or moisture ingress in the windings. | | **Brake Failure** | Wear on the friction plate or coil burnout (24V DC circuit). | ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible Servo Drive model for the W2AC-A42D-R2/Q?
    • ⤷ How do I wire the encoder connector for this specific motor?
    • ⤷ What are the torque and RPM ratings for the A42D frame size?