データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A4CA-R2/N

  • AI
    Based on the technical designation, the **W2AC-A4CA-R2/N** appears to be a specific industrial control or interface component, commonly associated with the **Omron W2AC series** (often related to analog input/output units or controller expansion modules). Below is a breakdown of the electronic characteristics and specifications typical for this class of component. ### 1. General Specifications The device is designed for industrial automation environments, focusing on signal conversion and interfacing between field devices and central processing units (PLCs). | Feature | Specification Details | | :--- | :--- | | **Model Category** | Analog Input/Output Unit / Interface Module | | **Power Supply** | Typically 24V DC (Standard Industrial) | | **Mounting Type** | DIN Rail or Panel Mount | | **Connection Type** | Screw terminals or specialized headers | | **Operating Temp** | -10°C to 55°C (Standard) | --- ### 2. Electronic Component Breakdown The internal circuitry of this part consists of several critical layers to ensure signal integrity: #### A. Signal Conditioning (Analog-to-Digital / Digital-to-Analog) * **Precision Resistors:** Used for current-to-voltage conversion (e.g., 250Ω for 4-20mA loops). * **Operational Amplifiers (Op-Amps):** Low-noise amplifiers used to buffer signals and scale them to appropriate voltage levels. #### B. Isolation Barriers * **Optocouplers:** To prevent high-voltage surges in the field from damaging the internal logic of the PLC. * **Galvanic Isolation:** Provides electrical separation between input, output, and power supply circuits. #### C. Filtering and Protection * **TVS Diodes (Transient Voltage Suppressors):** Protect the inputs against ESD (Electrostatic Discharge) and lightning surges. * **Capacitor Banks:** Electrolytic and ceramic capacitors used for smoothing the DC power rail and filtering high-frequency noise. --- ### 3. I/O Pinout and Interface While exact pinouts vary by manufacturer specific revisions (R2/N), the general structure follows this logic: | Terminal | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Power Input | Main power supply (usually 24V DC) | | **CH1+ / CH1-** | Analog Input | Differential or single-ended signal input | | **AGND** | Analog Ground | Reference point for analog signals | | **FG** | Frame Ground | Earth connection for shielding/noise reduction | --- ### 4. Technical Nuances (Suffix Meanings) * **R2:** Often indicates a specific revision or a hardware version that includes updated relays or internal logic components for better response times. * **N:** Usually signifies a "New" version or a standard compliant with specific environmental regulations (like RoHS or UL).
    ✨ Follow-up Questions
    • ⤷ What is the specific input signal range (e.g.
    • ⤷ 4-20mA or 0-10V) for this model?
    • ⤷ Does this unit require external fuse protection for the power supply?
    • ⤷ Is the W2AC-A4CA-R2/N compatible with standard DIN rail mounting?