データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-A4CC-R2/Q

  • AI
    The **W2AC-A4CC-R2/Q** is a high-performance, fanless industrial PC (IPC) component, typically associated with compact embedded computing systems used in automation and control environments. Below is an explanation of its electronic architecture and key specifications. --- ### 1. Technical Specifications Overview This device is designed for reliability in harsh industrial conditions, prioritizing heat dissipation and connectivity. | Component | Description | | :--- | :--- | | **Processor (CPU)** | Usually equipped with an Intel® Celeron® or Core™ series (depending on the specific sub-revision). | | **Memory (RAM)** | Supports DDR4 SO-DIMM slots, typically up to 32GB or 64GB. | | **Storage** | M.2 (SATA/NVMe) and 2.5" SATA III HDD/SSD support. | | **I/O Ports** | Multiple RS-232/422/485 serial ports, USB 3.0, and Dual Gigabit Ethernet. | | **Power Input** | Wide range DC input (often 9V ~ 36V) with over-voltage protection. | | **Cooling** | Passive cooling (Fanless) via a finned aluminum chassis. | --- ### 2. Key Electronic Features #### A. Power Regulation and Protection The internal PCB includes a robust power management circuit designed to handle "dirty" power common in factories. * **Isolation:** The "R2" designation often implies a revision with improved electrical isolation for COM ports to prevent ground loops. * **Voltage Regulation:** High-quality solid capacitors are used to ensure long-term stability under continuous 24/7 operation. #### B. Connectivity (The "A4CC" Segment) The "A4CC" naming convention usually refers to the expansion configuration: * **4 COM Ports:** Specifically configured for industrial protocols. * **Dual LAN:** Enables network redundancy or separation between the internal OT (Operational Technology) network and the external IT network. #### C. Thermal Design Because it is a fanless unit, the CPU is thermally coupled to the outer aluminum casing using high-conductivity thermal pads. This eliminates mechanical failure points (fans) and prevents dust ingestion. --- ### 3. Application Use-Cases The electronic design of the W2AC-A4CC-R2/Q makes it suitable for: 1. **Edge Computing:** Processing sensor data locally before sending it to the cloud. 2. **Protocol Conversion:** Acting as a gateway between legacy Modbus devices and modern Ethernet-based PLCs. 3. **HMI Backend:** Driving high-resolution displays in industrial kiosks or control rooms. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the R2 revision?
    • ⤷ Does this model support DIN-rail or VESA mounting?
    • ⤷ Are the COM ports optically isolated in this configuration?