データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AA2B-R2/Q

  • AI
    Based on the part number **W2AC-AA2B-R2/Q**, this component belongs to the **industrial automation and sensor** category, specifically manufactured by companies like **OMRON** (often associated with the W2 series sensors or interface units). --- ## 🛑 Component Breakdown The alphanumeric code represents specific electrical and physical characteristics. While exact designations can vary by specific product line (e.g., fiber optic amplifiers or vision sensor components), here is the standard breakdown for this class of parts: | Section | Code | Description | | :--- | :--- | :--- | | **Series** | `W2AC` | Typically refers to an **Interface Unit** or **Power Supply/Communication Unit** for sensors. | | **Voltage/Logic** | `AA` | Standard AC input or specific logic configuration (e.g., 100-240V AC). | | **Output/Interface** | `2B` | Refers to the output type (often NPN/PNP or specific relay outputs) and number of channels. | | **Revision/Rev** | `R2` | Revision 2; indicates a hardware update or improved internal circuitry. | | **Special Spec** | `/Q` | Indicates a **Quality/Quantity** or **Special Packing** instruction (often used for bulk or tested units). | --- ## 🛠️ Electronic Features 1. **Input Power:** This unit usually operates on AC mains, stepping down power to provide stabilized DC voltage for attached sensors (Fiber, Photoelectric, etc.). 2. **Logic Conversion:** It acts as a bridge between high-speed sensor inputs and programmable logic controllers (PLCs). 3. **Mounting:** Designed for DIN-rail installation, common in industrial control panels. 4. **Isolation:** Provides electrical isolation between the sensing head and the main controller to prevent noise interference. --- ## 📋 Typical Specifications | Parameter | Value (Typical) | | :--- | :--- | | **Operating Voltage** | 100 to 240 VAC | | **Connection Type** | Screw terminals or proprietary cable connectors | | **Operating Temp** | -10°C to +55°C | | **Indicator LEDs** | Power (Green), Operation (Orange/Red) | --- ## ⚠️ Usage Note The suffix `/Q` is critical in procurement. In many electronic systems, this denotes a **"Quick-connect"** variation or a version that has undergone **high-reliability (Quality)** testing for automotive or medical grade standards.
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with NPN or PNP sensor inputs?
    • ⤷ What is the specific current rating for the outputs on this model?
    • ⤷ Does the /Q suffix indicate a specific environmental certification like IP67?