W2AC-AA3A-R/Q
AI

The **W2AC-AA3A-R/Q** is a high-performance, industrial-grade cooling fan assembly, typically part of the **Sanyo Denki San Ace** series (specifically the **San Ace 120AD** type). This model is notable for its AC-DC conversion technology, allowing it to run on AC power while utilizing an efficient DC brushless motor.
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V to 240V AC (Universal Input) |
| **Frequency** | 50/60 Hz |
| **Motor Type** | Brushless DC Motor (Internal AC/DC Converter) |
| **Dimensions** | 120mm x 120mm x 38mm |
| **Speed Control** | Pulse Width Modulation (PWM) - indicated by the 'Q' suffix |
| **Bearing Type** | Dual Ball Bearing |
| **Frame Material** | Aluminum (Die-cast) |
| **Impeller Material** | Plastic (Flame Retardant: UL 94V-0) |
---
### 2. Electronic Components & Functionality
#### A. Internal AC/DC Converter
Unlike traditional AC fans that use induction motors, this unit contains an integrated **switched-mode power supply (SMPS)**. This converts the AC mains voltage into the DC voltage required to drive the internal circuitry. This results in:
* **Lower Power Consumption:** Up to 70% more efficient than standard AC fans.
* **Constant Speed:** The fan speed remains stable even if the AC input voltage fluctuates.
#### B. PWM Control (Q-Suffix)
The `/Q` designation indicates the inclusion of a **PWM (Pulse Width Modulation)** control function.
* **Purpose:** Allows an external controller to dictate the fan speed by varying the duty cycle of a control signal.
* **Benefits:** Reduces acoustic noise and power consumption when full cooling capacity is not required.
#### C. Protection Circuitry
The electronic control board inside the fan includes several safety features:
* **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the motor coils from burning out.
* **Reverse Polarity Protection:** Protects the internal DC components from damage during the conversion process.
---
### 3. Wiring Configuration
This specific model usually features a lead wire connection (rather than terminals).
1. **AC Power (2 Wires):** Connects to the main power source (Brown/Blue or Black/White).
2. **Control/Sensor (Optional 2 Wires):**
* **PWM Input:** Receives the speed control signal.
* **Tachometer/FG Output:** Sends a frequency generator signal to the system to monitor actual RPM.
---
### 4. Typical Applications
* **Server Racks:** High-density cooling where energy efficiency is critical.
* **Industrial Panels:** Converting legacy AC systems to high-efficiency DC cooling without changing the power infrastructure.
* **Medical Equipment:** Where low noise and high reliability (ball bearings) are required.
- ⤷
What is the expected lifespan (MTBF) for this specific Sanyo Denki model?
- ⤷ How do I wire the PWM signal if my controller operates at a different voltage?
- ⤷ What are the specific airflow (CFM) and static pressure ratings for this unit?