データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AA3B-R/Q

  • AI
    The **W2AC-AA3B-R/Q** is a high-precision, industrial-grade absolute rotary encoder, typically manufactured by companies specializing in motion control (such as NEMICON or similar automation brands). Below is a breakdown of its electronic components, technical specifications, and wiring structure. --- ### 1. Key Technical Specifications The model number defines the core electronic behavior of the device. Here is the technical breakdown: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Encoder Type** | Absolute | Retains position even after power loss. | | **Resolution** | 10-bit to 12-bit (typical) | Provides specific binary codes for each angular position. | | **Supply Voltage** | 5V DC or 12-24V DC | Depends on the specific sub-series (usually 5V for TTL). | | **Output Format** | Gray Code | Prevents errors during state transitions. | | **Interface** | Parallel or Serial | "AA3B" usually denotes a specific parallel output wiring. | | **Connector** | R/Q | Refers to the connector type (Radial/Axial or specific Plug). | --- ### 2. Electronic Component Breakdown The internal circuitry of the W2AC-AA3B-R/Q consists of four primary stages: #### A. The Optical System (LED & Photo-transistor) The device uses an **Infrared LED** as a light source. This light passes through a coded disc (with transparent and opaque segments) onto a **Photo-detector Array**. * **Electronic Function:** Converts light pulses into raw analog electrical signals. #### B. Signal Processing (Schmitt Trigger / Comparator) The raw signals from the photo-detector are weak and "noisy." Internal **Operational Amplifiers (Op-Amps)** and **Schmitt Triggers** convert these into clean square-wave digital signals. #### C. Code Conversion Logic Since it is an absolute encoder, it uses a logic circuit to output **Gray Code**. * **Why Gray Code?** Unlike standard binary, only one bit changes at a time in Gray code, which electronically eliminates "glitches" or false readings during high-speed rotation. #### D. Output Driver (Line Driver or Open Collector) The "AA3B" designation often refers to the output stage: * **Line Driver:** Uses an IC (like the 26LS31) to provide differential signals, offering high noise immunity over long cables. * **Open Collector:** Uses NPN transistors to pull the output to ground (requires external pull-up resistors). --- ### 3. Wiring and Pinout (General Structure) For the **R/Q** connector models, the wiring is typically color-coded to represent the bits of the absolute position. | Wire Color | Signal Function | | :--- | :--- | | **Red** | Power Supply (Vcc) | | **Black** | Ground (0V / GND) | | **Blue/Green/etc.** | Data Bits (Bit 0, Bit 1, Bit 2...) | | **Shield** | Frame Ground (Noise protection) | --- ### 4. Application Context Electronically, this part is designed to interface with: 1. **PLCs (Programmable Logic Controllers):** Specifically high-speed counter modules. 2. **CNC Machines:** To provide exact spindle or axis positioning. 3. **Robotic Arms:** Where knowing the exact position upon startup is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 'R/Q' connector type?
    • ⤷ Does this model support SSI (Synchronous Serial Interface) or only Parallel output?
    • ⤷ What is the maximum operating frequency (kHz) for the W2AC series?