データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AA4Y-R2

  • AI
    The part number **W2AC-AA4Y-R2** typically refers to a specialized AC-DC power supply module, often associated with industrial computing or high-reliability power systems (such as those used in Advantech or similar industrial hardware). Below is a breakdown of its technical characteristics and components. --- ### 1. Technical Specifications The unit is a high-efficiency power converter designed to handle standard AC input and provide stable DC output for industrial motherboards. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 90V ~ 264V AC (Universal Input) | | **Output Wattage** | 400W (Approximate, model-dependent) | | **Form Factor** | 2U / Industrial Rackmount | | **Efficiency** | 80 Plus (usually Bronze or Silver rated) | | **Cooling** | Dual or Single Ball-Bearing Fan | --- ### 2. Key Electronic Components The internal architecture of the W2AC-AA4Y-R2 consists of several critical stages: #### A. Input Protection & EMI Filter * **MOVs (Metal Oxide Varistors):** Protect the unit against high-voltage surges. * **X and Y Capacitors:** Filter out electromagnetic interference (EMI) to ensure compliance with FCC/CE standards. #### B. PFC Stage (Power Factor Correction) * **Active PFC Circuit:** Includes a high-frequency inductor and power MOSFETs to ensure the power factor is >0.9, reducing electrical waste and heat. #### C. DC-DC Conversion & Regulation * **Main Transformer:** Steps down the high-voltage DC (from the PFC) to the required voltages (+12V, +5V, +3.3V). * **Schottky Rectifiers:** Used for high-speed switching and low voltage drops on the output rails. * **Japanese Electrolytic Capacitors:** Usually rated at 105°C to ensure long-term stability and ripple reduction in harsh industrial environments. --- ### 3. Connector Pinout (Output Interface) This power supply uses standardized industrial connectors to interface with the system: 1. **24-Pin ATX:** Main power for the motherboard. 2. **8-Pin (4+4) 12V:** Dedicated CPU power. 3. **Peripheral/SATA:** Power for hard drives and optical drives. 4. **PMBus Interface:** Often included in "W2" series units for remote monitoring of voltage, current, and temperature. --- ### 4. Safety and Protection Features * **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. * **SCP (Short Circuit Protection):** Prevents fire or component damage in the event of a wiring fault. * **OCP (Over Current Protection):** Limits the load on any single rail to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific power supply series?
    • ⤷ Does this model support redundant power configurations?
    • ⤷ What are the specific dimensions for the 2U chassis installation?