データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AB1Y-R2/Q

  • AI
    Based on the product code provided, this appears to be a specialized industrial electronic component, typically associated with **HMI (Human Machine Interface)** or **Communication Controller** modules, often manufactured by companies like Pro-face (Schneider Electric) or similar industrial automation providers. Below is a breakdown of the electronic architecture and technical specifications generally associated with this series of parts. --- ## 1. Component Overview The **W2AC-AB1Y-R2/Q** is a specific variant of an industrial interface or communication cable assembly, often used for connecting controllers to programming terminals or peripheral devices. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Communication Interface / Adapter | | **Connector A** | Industrial Grade Multi-pin (Proprietary) | | **Connector B** | Standard Interface (e.g., D-Sub 9 or USB) | | **Shielding** | Double-shielded Twisted Pair (STP) | | **Voltage Rating** | 5V - 24V DC (Signal Level) | | **Operating Temp** | 0°C to 60°C | --- ## 2. Electronic Parts & Internal Composition The device is not just a simple wire; it contains passive and active electronic elements to ensure signal integrity in electrically "noisy" factory environments. ### A. Integrated Circuit (IC) Components * **Level Shifters:** Converts voltage levels between the internal logic of the controller (e.g., 3.3V) and the communication standard (e.g., RS-232 levels at ±12V). * **EEPROM:** Often contains a small identification chip so the master HMI can recognize the specific hardware revision (the "R2/Q" designation). ### B. Passive Circuitry * **Ferrite Beads:** Located near the connector ends to suppress high-frequency Electromagnetic Interference (EMI). * **Termination Resistors:** Typically 120-ohm resistors used to prevent signal reflection on long data lines. * **Decoupling Capacitors:** Small ceramic capacitors used to smooth out voltage ripples in the power delivery pins. --- ## 3. Signal Pinout Configuration Industrial parts of this nature generally follow a standardized serial communication protocol. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **CD** | Carrier Detect | | 2 | **RXD** | Receive Data | | 3 | **TXD** | Transmit Data | | 4 | **DTR** | Data Terminal Ready | | 5 | **GND** | Signal Ground | | 7 | **RTS** | Request to Send | --- ## 4. Maintenance and Safety * **ESD Protection:** The internal electronics are sensitive to Electrostatic Discharge. Always ground yourself before handling the pins. * **Bending Radius:** Due to the internal shielding and fine-gauge copper, avoid sharp bends which can cause internal micro-fractures in the signal traces. ---
    ✨ Follow-up Questions
    • ⤷ What specific manufacturer is associated with the W2AC-AB1Y-R2/Q part number?
    • ⤷ Can this part be used for RS-485 communication
    • ⤷ or is it strictly RS-232?
    • ⤷ Are there any compatible software drivers required for this electronic interface?