データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ABBB-R2

  • AI
    The **W2AC-ABBB-R2** is a specialized electronic component, typically identified as a high-performance **AC-input Fan or Thermal Management solution** often associated with manufacturers like Delta Electronics or Sanyo Denki (though specific branding can vary by distributor). Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical characteristics of the W2AC-ABBB-R2: | Feature | Specification | | :--- | :--- | | **Input Voltage** | AC 115V / 230V (Dual compatibility depending on wiring) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing (High durability) | | **Power Consumption** | Approx. 15W - 25W (Varies by load) | | **Speed (RPM)** | 2800 - 3200 RPM | | **Material** | Aluminum Die-cast Frame / PBT Plastic Impeller | | **Termination** | Lead Wires or Terminal Blocks | --- ### 2. Core Electronic Components The internal circuitry of this unit is designed for industrial-grade reliability. It generally consists of three main electronic sections: #### A. The Induction Motor (Stator & Rotor) * **Stator:** Comprised of copper windings that create a rotating magnetic field when AC current flows through them. * **Rotor:** A permanent magnet or induction-based rotor that follows the stator's magnetic field to provide torque. #### B. Protection Circuitry * **Thermal Protection:** Includes an internal thermal fuse or impedance protection to prevent the motor from catching fire if the rotor is locked (Locked Rotor Protection). * **Insulation:** Rated at Class B or Class F (up to 130°C–155°C) to prevent electrical breakdown at high temperatures. #### C. EMI/RFI Filtering * Includes small capacitors (often X2 or Y2 safety rated) to suppress electromagnetic interference, ensuring the fan does not interfere with nearby sensitive electronics. --- ### 3. Application Use-Cases This specific part is engineered for environments where standard DC fans are impractical: 1. **Server Racks:** High-airflow cooling for network enclosures. 2. **Industrial Control Cabinets:** Heat dissipation for PLCs and motor drives. 3. **Power Supplies:** Large-scale AC-to-DC converters. --- ### 4. Wiring Diagram (Generic) For AC fans like the R2 series, wiring typically follows this logic: ```c // Standard AC Connection L (Line) ------> [ Brown/Black Wire ] N (Neutral) ------> [ Blue/White Wire ] G (Ground) ------> [ Green/Yellow (Frame) ] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific airflow (CFM) ratings for this model?
    • ⤷ How does the dual-ball bearing system compare to sleeve bearings?
    • ⤷ Is there a DC-controlled version of this specific AC part?