データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ABCC-R

  • AI
    The **W2AC-ABCC-R** is a specific part number typically associated with the **Schneider Electric (APC)** NetBotz environmental monitoring series. It specifically refers to an **A-Link to Sensor Pod Communications Cable** (often used for Rack Monitor 250 or NetBotz 750 systems). --- ### 1. Component Overview This part is a specialized communication cable designed for high-interference industrial environments. It connects the main monitoring appliance to expansion sensor pods. | Feature | Specification | | :--- | :--- | | **Connector A** | RJ-45 (A-Link Standard) | | **Connector B** | RJ-45 (A-Link Standard) | | **Cable Type** | Cat5e / Cat6 Shielded (STP) | | **Application** | NetBotz A-Link Sensor Pods | | **Length** | Usually 2 Meters (Standard Variant) | --- ### 2. Internal Electronic Characteristics The cable is not a standard Ethernet patch lead; it is engineered to handle the **A-Link Protocol**, which has specific electronic requirements: * **Differential Signaling:** Uses differential pairs to minimize EMI (Electromagnetic Interference) within server racks. * **Power Delivery (PoE-like):** The cable carries low-voltage DC power from the base station to the remote sensor pods, eliminating the need for local power supplies at every sensor. * **Shielding (STP):** Features an aluminum foil or braided shield to prevent data corruption from high-voltage power lines nearby. * **Termination Impedance:** Designed to match the 100-ohm characteristic impedance required for the A-Link BUS topology. --- ### 3. Usage in Circuit Topology In a NetBotz system, the W2AC-ABCC-R functions as the physical layer for a **Daisy-Chain Topology**. ```mermaid graph LR A[NetBotz Appliance] -- W2AC-ABCC-R --> B[Sensor Pod 1] B -- W2AC-ABCC-R --> C[Sensor Pod 2] C -- Termination --> D[End of Line] ``` ### 4. Comparison: A-Link vs. Standard Ethernet While the W2AC-ABCC-R uses an RJ-45 head, it is critical to distinguish it from standard networking: | Parameter | W2AC-ABCC-R (A-Link) | Standard Ethernet (RJ-45) | | :--- | :--- | :--- | | **Voltage** | Often 12V - 24V DC | 48V (if PoE) / Data only | | **Data Rate** | Low speed, high reliability | 10/100/1000 Mbps | | **Wiring** | Straight-through shielded | Straight or Crossover | | **Compatibility** | Proprietary Schneider/APC | Universal IEEE 802.3 | ---
    ✨ Follow-up Questions
    • ⤷ Can this cable be replaced by a standard Cat5e patch cable?
    • ⤷ What is the maximum distance supported by the W2AC-ABCC-R in a daisy chain?
    • ⤷ How does the A-Link protocol handle power distribution to multiple sensors?