データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ABCC-R2

  • AI
    ## Technical Overview: W2AC-ABCC-R2 The **W2AC-ABCC-R2** is a specialized electronic module, typically associated with industrial automation and control systems (specifically within the Anybus or HMS Networks ecosystem). It functions as a communication interface that bridges internal device logic with external industrial networks. --- ### 1. Core Electronic Components The device is comprised of several high-density electronic layers: | Component Category | Description | | :--- | :--- | | **Microprocessor** | A high-speed 32-bit RISC processor (often ARM-based) that handles protocol translation and data buffering. | | **Communication Controller** | The **ABCC (Anybus CompactCom)** chip, which handles hardware-level framing for specific fieldbus or industrial Ethernet protocols. | | **Isolation Circuitry** | Galvanic isolation components (opto-couplers or magnetic isolators) to protect the internal logic from high-voltage spikes on the network line. | | **Storage (Memory)** | Onboard Flash memory for firmware/configuration and RAM for real-time cyclic data exchange. | | **Physical Interface** | Specific RJ45 or D-Sub connectors depending on the specific network type (e.g., PROFINET, EtherCAT). | --- ### 2. Functional Specifications From an electronics perspective, the "R2" designation usually implies a specific hardware revision or form factor. * **Logic Voltage:** Typically operates on a 3.3V internal rail. * **Power Consumption:** Optimized for low power (usually < 500mA) to prevent heat buildup in enclosed PLC housings. * **Interface Type:** Pluggable module or integrated circuit layout designed to be embedded into a host carrier board. --- ### 3. Implementation Block Diagram To integrate this part, a developer must interface with it using a standardized set of pins: ```mermaid graph LR A[Host CPU] <--> B[Parallel/SPI Interface] B <--> C[W2AC-ABCC-R2 Module] C <--> D[Industrial Network - e.g. Profibus] ``` ### 4. Key Electronic Features * **Plug-and-Play Compatibility:** The electronic pinout is often standardized so that one "ABCC" module can be swapped for another (e.g., changing from Modbus to EtherNet/IP) without changing the host PCB design. * **Status Indicators:** Integrated LED drivers that signal Link, Activity, and Module Status to the end-user. * **Internal Flash:** Allows for remote firmware updates via the electronic communication path. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the W2AC-ABCC-R2 module?
    • ⤷ Does this specific revision support Gigabit Ethernet or is it limited to 10/100 Mbps?
    • ⤷ How does the SPI timing differ between the R2 and previous hardware revisions?