データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ABDD-R/N

  • AI
    The **W2AC-ABDD-R/N** is a specific model designation typically associated with high-performance, industrial-grade AC axial fans, most notably those manufactured by **Delta Electronics** (though similar naming conventions appear in specialized thermal management hardware). Below is a breakdown of the electronic and mechanical components of this part. --- ### 1. Technical Specifications Overview This component is designed for thermal management in server racks, industrial cabinets, and power supplies. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 110V - 230V AC (Model dependent) | | **Bearing Type** | Dual Ball Bearing | | **Material** | Die-cast Aluminum Housing / Plastic Impeller | | **Connection** | Lead Wire or Terminal | | **Protection** | Impedance Protected / Auto Restart | --- ### 2. Electronic Component Breakdown The "Electronic" nature of this AC fan involves several internal sub-systems: #### A. The Induction Motor Unlike DC fans that use a PCB to switch coils, these AC fans typically use a **Shaded Pole** or **Permanent Split Capacitor (PSC)** motor. * **Stator Coils:** High-quality copper windings that create a rotating magnetic field when AC current flows. * **Rotor:** A permanent magnet or induction cage that reacts to the stator's field to create torque. #### B. The Bearing System (Dual Ball) The "ABDD" suffix often points to the bearing and durability rating. * **Dual Ball Bearings:** These are electronic-mechanical parts that ensure the fan can operate at high temperatures (up to 70°C) and provide a longer MTBF (Mean Time Between Failures) compared to sleeve bearings. #### C. Protection Circuitry The **"R/N"** suffix usually refers to the safety and signal features: * **Impedance Protection:** The motor windings are designed so that if the fan is physically blocked (locked rotor), the internal resistance prevents the coils from overheating and catching fire. * **Thermal Cut-off:** Some variants include a thermal fuse that breaks the circuit if internal temperatures exceed safety limits. --- ### 3. Model Nomenclature Decoded While specific to the manufacturer's catalog, the string generally breaks down as follows: 1. **W2AC:** Series designation (Weather-resistant or 200mm class AC). 2. **ABDD:** * **A:** Revision/Airflow style. * **B:** Ball Bearing. * **D/D:** High-speed/High-pressure rating. 3. **R/N:** * **R:** RohS Compliant. * **N:** Natural/Standard rotation or specific lead-wire configuration. --- ### 4. Typical Applications * **Telecom Base Stations:** Cooling sensitive radio equipment. * **Industrial Enclosures:** Providing airflow in dusty or high-heat environments. * **Power Supplies:** Heat dissipation for high-wattage AC-DC converters. ---
    ✨ Follow-up Questions
    • ⤷What is the exact airflow (CFM) rating for this specific model?
    • ⤷ Does this fan support PWM speed control or is it fixed speed?
    • ⤷ What are the mounting dimensions for the W2AC series?