データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ABDD-R/Q

  • AI
    The part number **W2AC-ABDD-R/Q** typically refers to a specialized industrial sensor, most commonly associated with **Pepperl+Fuchs** or similar automation component manufacturers (often within the RVI or W-series rotary encoders/sensors). Below is a breakdown of the electronic components and specifications associated with this type of part. --- ### 1. Part Number Breakdown While specific prefixes vary by manufacturer, the code usually follows this logic: | Segment | Component Aspect | Typical Description | | :--- | :--- | :--- | | **W2AC** | **Series/Body** | Represents the housing style or sensor series (often 2-wire AC or specific mounting). | | **ABDD** | **Electrical Interface** | Defines the output logic (e.g., Push-Pull, Totem Pole, or RS422). | | **R/Q** | **Connector/Pulse** | **R** often denotes Radial exit; **Q** can denote a specific pulse buffer or square wave output. | --- ### 2. Key Electronic Specifications These parts are generally designed for industrial environments. The electronic architecture usually includes: * **Operating Voltage:** Typically ranges from **10V to 30V DC** (standard for industrial PLC interfaces). * **Output Circuitry:** * **Push-Pull:** Capable of sourcing and sinking current. * **Short-circuit Protection:** Integrated protection against wiring errors. * **Signal Type:** Incremental pulse output (A, B, and sometimes Z index channels) used to measure speed or position. * **Pulse Frequency:** High-speed switching capability, often up to **100 kHz - 200 kHz**. --- ### 3. Electronic Protection & Standards To ensure reliability in factory settings, these parts incorporate the following electronic features: 1. **Reverse Polarity Protection:** Prevents the internal PCB from burning out if the positive and negative wires are swapped. 2. **EMI/EMC Shielding:** The internal electronics are shielded to prevent interference from high-voltage motors or VFDs. 3. **Degree of Protection:** Usually rated **IP65 or IP67**, meaning the electronic internals are sealed against dust and moisture. --- ### 4. Typical Wiring Configuration Most "ABDD" style outputs use a standard M12 or M23 connector pinout: ```markdown Pin 1: +Vcc (Supply Voltage) Pin 2: 0V (Ground) Pin 3: Channel A (Pulse Signal) Pin 4: Channel B (90° Phase Shifted Signal) Pin 5: Channel Z (Zero Index/Reference) ``` ---
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer is listed on the datasheet for your W2AC-ABDD-R/Q component?
    • ⤷ Do you need the specific pinout diagram for the R/Q connector type?
    • ⤷ Are you experiencing signal noise or electrical interference with this part?