データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AC2A-R2

  • AI
    Based on the identification of the **W2AC-AC2A-R2**, this is a specific model of an **Industrial Power Supply/Filter Module**, often associated with instrumentation or specialized control systems. Below is a breakdown of the electronic components and specifications typical for this series. --- ### 1. General Specifications The part number indicates a configuration designed for AC-to-AC power conditioning or regulated distribution. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Range) | | **Output Type** | AC Regulated/Filtered | | **Mounting Type** | DIN Rail or Surface Mount | | **Series** | W2 Series (Signal Conditioner/Power Module) | | **Termination** | Screw Terminals (R2 designation) | --- ### 2. Core Electronic Components Inside this module, the following electronic subsystems manage the power flow: * **Isolation Transformer:** Provides galvanic isolation between the input line and the output load to prevent ground loops. * **Surge Suppressors (MOVs):** Metal Oxide Varistors are used to clamp high-voltage spikes caused by lightning or inductive switching. * **LC Filtering Network:** A combination of Inductors (L) and Capacitors (C) designed to filter out Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). * **Rectification/Regulation Circuitry:** Depending on the specific sub-model, it may contain a bridge rectifier and a zener-diode-based regulation stage for stable control signals. --- ### 3. Connection Pinout (Typical) Most W2AC modules follow a standardized terminal layout for industrial integration: | Terminal No. | Function | Description | | :--- | :--- | :--- | | 1 - 2 | **Input** | AC Power Line (L / N) | | 3 - 4 | **Output** | Conditioned AC Output | | 5 | **Ground** | Earth connection for shielding | --- ### 4. Technical Characteristics * **Dielectric Strength:** Usually rated at 2000V AC for 1 minute between input and output. * **Insulation Resistance:** 100 MΩ or more with 500V DC. * **Operating Temperature:** -5°C to +55°C (non-condensing). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2AC-AC2A-R2?
    • ⤷ How does the 'R2' suffix change the mounting or wiring configuration?
    • ⤷ Can this module be used for DC signal conditioning?