データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AC3D-R

  • AI
    The **W2AC-AC3D-R** is a specific industrial power adapter/converter assembly, often utilized in networking hardware (such as edge routers or industrial switches) and specialized computing systems. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The device is primarily an **AC-to-DC Power Supply Unit (PSU)** or a power management module designed for high reliability. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Range) | | **Input Frequency** | 50/60 Hz | | **Output Type** | Constant DC Voltage | | **Connector Type** | Usually 3-pin or barrel connector (depending on OEM variant) | | **Efficiency** | Level VI standard (typically >88%) | | **Cooling** | Passive (Convection) or Integrated Fan (if high wattage) | --- ### 2. Core Electronic Components Internally, the W2AC-AC3D-R consists of several functional stages: #### A. Input Filter & Protection * **MOV (Metal Oxide Varistor):** Protects the internal circuitry against voltage spikes and surges from the AC line. * **Bridge Rectifier:** Converts the incoming AC (Alternating Current) into pulsating DC. * **EMI Filter:** Inductors and capacitors (X/Y caps) that prevent high-frequency noise from feeding back into the power grid. #### B. Switching Stage (SMPS) * **PWM Controller IC:** The "brain" of the unit that regulates the duty cycle to maintain a steady output regardless of load. * **Power MOSFET:** A high-speed switch that chops the DC voltage at high frequencies (usually 50kHz - 200kHz) to allow for a smaller transformer size. #### C. Isolation & Output * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC mains and the safe low-voltage DC output. * **Schottky Diodes:** Used for secondary rectification due to their low forward voltage drop and fast switching speeds. * **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors that smooth the output ripple for clean DC power. --- ### 3. Key Features & Reliability * **Over-Current Protection (OCP):** Shuts down the unit if the connected device draws more current than the rated limit. * **Short-Circuit Protection (SCP):** Prevents fire or component failure if the output leads are shorted. * **Over-Voltage Protection (OVP):** Uses a Zener diode or optocoupler feedback loop to ensure the output voltage never exceeds safe limits for the connected hardware. --- ### 4. Typical Applications The "R" suffix often denotes a **Right-angle** connector or a **Redundant** configuration variant, commonly found in: 1. **Industrial Gateways:** Providing stable power in environments with fluctuating mains power. 2. **Point of Sale (POS) Systems:** High-uptime requirements. 3. **Network Storage (NAS):** Where clean, ripple-free DC is required to protect hard drive logic boards.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and amperage for the W2AC-AC3D-R?
    • ⤷ Is this part compatible with DIN-rail mounting for industrial cabinets?
    • ⤷ Does the 'R' in the model number signify a specific connector type or redundancy?