データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AC4A-R/Q

  • AI
    The **W2AC-AC4A-R/Q** is a high-performance **solid-state power controller** or relay module typically used in industrial automation for controlling high-current AC loads. Below is a detailed breakdown of its electronic components and specifications. ### 1. Component Overview This part belongs to a class of electronic switching devices designed to replace traditional mechanical contactors. The "R/Q" designation often refers to specific certifications or terminal configurations (like Quick-connect or Reinforced isolation). | Feature | Specification | | :--- | :--- | | **Component Type** | AC Solid State Relay (SSR) / Power Controller | | **Control Voltage** | Typically 90-280V AC (AC Control) | | **Load Voltage** | 24-480V AC | | **Current Rating** | High-amperage (varies by heatsink, usually 25A - 50A) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | --- ### 2. Internal Electronic Architecture The device is composed of three primary electronic stages: #### A. Input Circuit (Opto-Isolation) * **Optocoupler:** Provides galvanic isolation between the low-voltage control signal and the high-voltage AC load. This protects the PLC or controller from surges. * **Current Limiter:** Internal resistors ensure the input LED operates within safe parameters. #### B. Zero-Cross Detection Circuit * This circuit ensures the device only switches "ON" when the AC sine wave passes through **zero volts**. * **Benefit:** Minimizes inrush current and electromagnetic interference (EMI), extending the life of both the relay and the load. #### C. Power Switching Element (Output) * **Back-to-Back Thyristors (SCRs):** Unlike cheap SSRs that use TRIACs, industrial units like the W2AC series use dual SCRs. This provides better thermal dissipation and higher $dv/dt$ (resistance to false triggering from voltage spikes). * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit protects the SCRs from high-voltage transients. --- ### 3. Connection Diagram (Standard Wiring) The unit typically features a 4-terminal "Hockey Puck" or DIN-rail configuration. ```markdown Control Side (Input) Load Side (Output) [ Terminal 3 ] (+) <-----> [ Terminal 1 ] (Line AC) [ Terminal 4 ] (-) <-----> [ Terminal 2 ] (To Load) ``` --- ### 4. Key Performance Characteristics * **Thermal Management:** Requires a heatsink for operation at rated currents. The baseplate is usually made of aluminum or copper for high thermal conductivity. * **Dielectric Strength:** Usually rated for 4000Vrms isolation. * **Response Time:** * Turn-on: Max 1/2 cycle. * Turn-off: Max 1/2 cycle.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal requirements for the W2AC-AC4A-R/Q at full load?
    • ⤷ Can this model be used for phase-angle control or only zero-cross switching?
    • ⤷ What is the difference between the R and Q suffixes in this part number?