データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AC4A-R2

  • AI
    The **W2AC-AC4A-R2** is a specialized electronic component, typically categorized as a high-precision **Current Transformer (CT)** or a current sensing module used in industrial automation and power monitoring. It is designed to convert high primary alternating currents into a proportional, lower secondary signal for measurement and control. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | AC Current | | **Input Range** | Commonly 0–5A AC (Primary) | | **Output Type** | AC Current or Voltage (Model dependent) | | **Isolation Voltage** | Typically 2kV - 4kV AC for 1 minute | | **Accuracy Class** | 0.2% to 0.5% Full Scale | | **Frequency Range** | 50Hz / 60Hz | | **Mounting Type** | DIN Rail or PCB Mount | --- ### 2. Core Electronic Components The device is composed of several critical internal elements that ensure signal integrity: 1. **Magnetic Core:** High-permeability Mu-metal or Silicon steel core that minimizes hysteresis and eddy current losses. 2. **Primary Winding:** The conductor carrying the load current (often a single pass through the center hole). 3. **Secondary Winding:** Precision-wound copper wire that generates the scaled-down output signal. 4. **Burden Resistor (Internal):** In some "R2" variants, an internal precision resistor converts the secondary current into a safe voltage signal to prevent open-circuit hazards. 5. **Encapsulation:** Epoxy resin potting to provide environmental protection and high dielectric insulation. --- ### 3. Functional Applications The W2AC-AC4A-R2 is utilized in systems where precise current feedback is required: * **Energy Management:** Monitoring power consumption in industrial panels. * **Motor Protection:** Detecting over-current or under-current conditions to prevent hardware failure. * **PLC/SCADA Interfacing:** Providing an analog input signal that a programmable logic controller can interpret. * **Grid Monitoring:** Balancing loads in three-phase power distribution. --- ### 4. Safety and Installation Notes * **Polarity:** Ensure the "K-L" or "P1-P2" orientation matches the flow of current for accurate phase measurement. * **Secondary Open Circuit:** Never disconnect the secondary leads while the primary is energized unless the unit is specifically "voltage-output" rated; otherwise, high voltages can induce, damaging the unit or injuring personnel.
    ✨ Follow-up Questions
    • ⤷What is the specific output signal (e.g.
    • ⤷ 4-20mA or 0-5V) for the R2 variant?
    • ⤷ How do I wire this component to a standard PLC analog input?
    • ⤷ What are the physical dimensions and mounting requirements for this module?