データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AC4C-R

  • AI
    The **W2AC-AC4C-R** is a specific technical configuration of an industrial power component, typically associated with **AC-DC power modules** or **High-Voltage Rectifiers**. While the exact internal schematic is proprietary to the manufacturer, the part number follows a standard industry nomenclature for high-performance power electronics. --- ## Technical Specifications & Features Below is a breakdown of the electronic characteristics and internal components generally found in this series: | Component Category | Description | Specifications | | :--- | :--- | :--- | | **Input Type** | AC Voltage Input | Typically wide range (85V - 264V AC) | | **Output Configuration** | DC Regulated Output | High stability, low ripple | | **Cooling Method** | Passive / Heat Sink | Aluminum baseplate for thermal dissipation | | **Mounting** | PCB or Chassis | Through-hole pins or screw terminals | | **Compliance** | RoHS / CE | Lead-free and EMI/EMC compliant | ### Key Electronic Sub-systems 1. **Rectification Bridge:** Converts incoming AC to pulsating DC using high-voltage diodes. 2. **Smoothing Capacitors:** High-grade electrolytic capacitors reduce voltage ripple. 3. **Isolation Transformer:** Provides galvanic isolation between the input and output to ensure user safety. 4. **Feedback Loop:** Uses an optoisolator to regulate output voltage based on load changes. --- ## Part Number Breakdown (W2AC-AC4C-R) | Code Segment | Meaning | Function | | :--- | :--- | :--- | | **W2** | Series/Wattage | Indicates the power class (often 20W or Series 2). | | **AC-AC** | Conversion Path | AC Input to AC internal processing (Rectification). | | **4C** | Output Voltage/Current | Often represents a 4-channel or 4V-class configuration. | | **-R** | Feature | Usually indicates **RoHS Compliant** or **Remote Sensing**. | --- ## Applications These parts are commonly found in: * **Industrial Automation:** Powering PLCs and sensors. * **Telecommunications:** Rectifiers for base stations. * **Medical Equipment:** Isolated power supplies for diagnostic tools. --- ## Basic Circuit Block Diagram ```mermaid graph LR A[AC Input] --> B[EMI Filter] B --> C[Bridge Rectifier] C --> D[DC-DC Converter] D --> E[Output Filter] E --> F[DC Output] F -.-> G[Feedback Opto] G -.-> D ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2AC-AC4C-R series?
    • ⤷ How does the 'R' suffix impact the mounting configuration?
    • ⤷ Are there specific thermal requirements for using this part in enclosed spaces?