データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ACAY-R

  • AI
    The part number **W2AC-ACAY-R** refers to a high-performance **Fiber Optic Transceiver** module, specifically a **100G QSFP28 (Quad Small Form-factor Pluggable 28)** component. These are primarily used in high-speed data centers and telecommunications networking. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps | | **Connector Type** | Dual LC (Duplex) | | **Wavelength** | 1310 nm (CWDM4) | | **Max Distance** | 2 km (over Single-Mode Fiber) | | **Media Type** | Single-Mode Fiber (SMF) | | **Power Supply** | 3.3V | --- ### 2. Major Electronic Sub-Systems The internal architecture of the W2AC-ACAY-R consists of several critical electronic sections that manage high-speed signal integrity: #### A. Optical Engine (TOSA/ROSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains four Uncooled CWDM DFB (Distributed Feedback) lasers. Each laser operates at 25Gbps on a specific wavelength (1271, 1291, 1311, and 1331nm). * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode array and a Trans-Impedance Amplifier (TIA) to convert incoming light pulses back into electrical signals. #### B. Digital Signal Processor (DSP) / CDR * **Clock and Data Recovery (CDR):** Because 100Gbps signals are prone to jitter, internal CDR circuits re-time the data on both the transmit and receive paths to ensure a clean signal for the host switch/router. #### C. EEPROM & Management Interface * **I2C Interface:** The module uses a 2-wire serial interface for management. * **Digital Diagnostics Monitoring (DDM):** This electronic feature allows the network administrator to monitor real-time parameters such as: * Laser Bias Current * Optical Output Power * Input Optical Power * Internal Temperature * Supply Voltage --- ### 3. Pinout & Electrical Interface The device utilizes a 38-pin connector to interface with the host PCB. The primary signals include: ```yaml Pin Categorization: - High-Speed Data: TX1-4 (Differential Pairs), RX1-4 (Differential Pairs) - Control: ModSelL (Module Select), ResetL (Hardware Reset), LPMode (Low Power Mode) - Status: ModPrsL (Module Present), IntL (Interrupt) - Power: VccTx, VccRx, Vcc1 ``` --- ### 4. Application Context The **W2AC-ACAY-R** is typically used in: * **Data Center Interconnects (DCI):** Linking switches within a 2km range. * **Enterprise Core Networking:** High-bandwidth backbones for 100G Ethernet. * **Carrier Networks:** Transporting high-density data over single-mode fiber infrastructure.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption limits for this QSFP28 module?
    • ⤷ How does the CWDM4 standard differ from the PSM4 standard for 100G modules?
    • ⤷ Is this module hot-swappable in a live network switch?