データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ACCA-R2/Q

  • AI
    The part number **W2AC-ACCA-R2/Q** refers to a high-performance **W-Series Variable Frequency Drive (VFD)** or high-power power module, typically associated with industrial automation and motor control systems. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications The W2AC series is designed for precision control of three-phase AC motors. | Feature | Description | | :--- | :--- | | **Input Type** | AC (Three-Phase typically) | | **Output Type** | Variable Frequency AC | | **Cooling Method** | Forced Air or Heat Sink (indicated by R2/Q revisions) | | **Communication** | Often includes Modbus, EtherCAT, or CANopen options | | **Mounting** | Panel or DIN Rail (Model dependent) | --- ### 2. Core Electronic Components The internal architecture of the W2AC-ACCA-R2/Q consists of four primary stages: #### A. Rectifier Stage * **Components:** High-current Bridge Rectifiers or Diodes. * **Function:** Converts the incoming AC line voltage into a pulsating DC voltage. #### B. DC Bus (Link) * **Components:** Large electrolytic capacitors and a DC Choke. * **Function:** Smooths the rectified DC and acts as an energy reservoir to handle load spikes. #### C. Inverter Stage (IGBTs) * **Components:** Insulated Gate Bipolar Transistors (IGBTs). * **Function:** This is the "brain" of the power section. It uses Pulse Width Modulation (PWM) to switch the DC back into AC at varying frequencies and voltages to control motor speed. #### D. Control Logic & Feedback * **Components:** Microcontrollers (MCU) or DSPs (Digital Signal Processors). * **Protection Circuits:** Hall-effect current sensors, thermal thermistors (NTC/PTC), and optoisolators to separate high-power sections from logic signals. --- ### 3. Suffix Meaning (R2/Q) In industrial electronic part numbering, these suffixes usually denote specific hardware revisions or environmental ratings: * **R2:** Indicates a **Hardware Revision 2**, often involving optimized PCB layouts or updated firmware compatibility. * **Q:** Often stands for **Quick-Connect** terminals or a specific **Quality/Reliability** certification (such as automotive-grade or enhanced vibration resistance). --- ### 4. Typical Applications * **Conveyor Systems:** For smooth acceleration/deceleration. * **Pump/Fan Control:** Energy saving through variable speed. * **Robotics:** Precision positioning in multi-axis setups. --- ### 5. Safety and Protection Features The unit includes integrated electronic protection to prevent hardware failure: 1. **Overcurrent Protection:** Shuts down the IGBTs if a short circuit is detected. 2. **Overvoltage/Undervoltage:** Monitors the DC bus levels. 3. **Thermal Shutdown:** Internal sensors monitor the heat sink temperature.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the W2AC-ACCA-R2/Q?
    • ⤷ Which communication protocols are supported by the R2 revision?
    • ⤷ Is there a direct replacement or equivalent for this specific model?