データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD1B-R2

  • AI
    The **W2AC-AD1B-R2** is a high-performance industrial AC/DC power supply module, commonly utilized in telecommunications, networking, and server infrastructure. It is designed for high reliability and efficiency in mission-critical environments. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the unit: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Input Frequency** | 47Hz – 63Hz | | **Output Voltage** | 12V DC (Standard) | | **Max Power Rating** | Approximately 150W - 200W (Model dependent) | | **Efficiency** | 80 Plus Gold/Platinum rated (typically >90%) | | **Cooling** | Integrated high-speed DC fan | --- ### ### Key Electronic Components & Features 1. **Power Factor Correction (PFC):** The unit includes an **Active PFC circuit**. This ensures that the power supply utilizes the input electricity efficiently, reducing harmonic distortion and meeting international standards like EN61000-3-2. 2. **Protection Circuitry:** To safeguard the connected hardware (load) and the unit itself, it integrates several layers of protection: * **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safety limits. * **OCP (Over Current Protection):** Prevents damage from short circuits or excessive load. * **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if internal temperatures spike due to fan failure or restricted airflow. 3. **Hot-Swappable Interface:** The "R2" designation often implies a specific revision for rack-mounted systems. The electronic interface includes a **blind-mate connector** on the rear, allowing for "Hot-Swap" capability—meaning the part can be replaced while the system is running without causing an electrical arc or system crash. 4. **Monitoring & Control (I2C/PMBus):** This module typically features an internal microcontroller that communicates via **PMBus** over an **I2C interface**. This allows system administrators to monitor real-time data such as: * Internal temperature. * Fan speed. * Current power draw. --- ### ### Typical Application Because of its high reliability and redundant nature, the W2AC-AD1B-R2 is primarily found in: * **1U/2U Rackmount Servers** * **Storage Area Networks (SAN)** * **Enterprise Networking Switches**
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the W2AC-AD1B-R2 connector?
    • ⤷ How does the 'R2' revision differ from the original 'R1' version?
    • ⤷ What is the MTBF (Mean Time Between Failures) rating for this specific power supply?