データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD2A-R

  • AI
    Based on the part number **W2AC-AD2A-R**, this component is a high-performance **Solid State Relay (SSR)** manufactured by **Dold & Söhne** (often under the POWERSWITCH series). It is designed for switching AC loads with an AC control signal. --- ## 1. Technical Specifications The part number is a coded string representing its electrical characteristics. Below is a breakdown of the electronic specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Switching Type** | Zero-Cross Switching | Minimizes RFI/EMI by switching when AC voltage is near zero. | | **Load Voltage** | 48 – 600V AC | Suitable for industrial mains voltages. | | **Load Current** | 20A – 50A (Variant dependent) | Capable of handling significant resistive or inductive loads. | | **Control Voltage** | 90 – 280V AC | Triggered by standard AC line voltage. | | **Isolation** | 4000V RMS | High dielectric strength between input and output. | | **Mounting** | DIN Rail | Designed for easy installation in control cabinets. | --- ## 2. Pinout and Electronic Interface The device typically features four main screw terminals to ensure secure connections for high-current applications. ### Terminal Configuration * **Terminals 1 & 2 (Load):** These are connected in series with the AC load and the power source. * **Terminals A1(+) & A2(-):** The control input. Since this is an **AC control** model, polarity is generally not a concern, but following the labeling ensures consistency. --- ## 3. Key Electronic Components Inside Inside the W2AC-AD2A-R, the following architecture is used: 1. **Opto-Isolator:** Provides electrical separation between the high-voltage load and the control signal. 2. **Zero-Crossing Detector:** An integrated circuit that waits for the AC sine wave to pass through 0V before allowing the power component to turn on. 3. **Back-to-Back Thyristors (SCRs):** The heavy-duty switching elements that handle the actual current. 4. **Snubber Circuit (RC Network):** Protects the internal thyristors from high $dv/dt$ (voltage spikes) common in inductive loads like motors or transformers. --- ## 4. Typical Applications Due to its "Zero-Cross" nature, this part is ideal for: * **Heating Elements:** PID control of resistive heaters. * **Lighting Systems:** Large-scale AC lighting arrays. * **Small Motors:** Basic ON/OFF control (though Phase-Angle controllers are preferred for speed control). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Phase-Angle switching in SSRs?
    • ⤷ How do I calculate the heat sink requirements for a 20A load on this SSR?
    • ⤷ Can this specific model be used to control DC loads?