データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD2A-R2

  • AI
    The **W2AC-AD2A-R2** is a specific industrial-grade signal conditioner/transmitter, typically manufactured by companies like **M-System**. It is designed to convert an alternating current (AC) input into a standard process signal (DC output). --- ## 1. Technical Specifications The model name follows a specific nomenclature that defines its electronic capabilities: | Component | Specification | Description | | :--- | :--- | :--- | | **Input Type** | AC Current | Typically 0 – 1 A or 0 – 5 A AC | | **Output Type** | DC Signal | Standard analog outputs (e.g., 4–20mA or 1–5V DC) | | **Power Supply** | AC Power | Usually 100V – 240V AC universal input | | **Isolation** | 3-Way Isolation | Isolation between Input, Output, and Power | | **Mounting** | DIN Rail | Standard 35mm industrial mounting | --- ## 2. Key Electronic Features ### A. Signal Conversion Logic The device utilizes a **Mean-Value Rectifying** circuit. It samples the AC sine wave, rectifies it, and converts it into a proportional DC voltage or current. This is essential for monitoring motors, heaters, or heavy electrical loads using a PLC (Programmable Logic Controller). ### B. Galvanic Isolation One of the most critical electronic parts of this unit is the **isolation transformer/optocoupler** setup. * **Safety:** It protects the low-voltage control side (PLC/DCS) from high-voltage surges on the AC input side. * **Signal Integrity:** It eliminates ground loops which can cause measurement errors in industrial environments. ### C. Adjustability The unit features two main trimmers (potentiometers) on the front panel: 1. **Zero Adjustment:** Used to calibrate the output to exactly 4mA (or 0V) when there is no input current. 2. **Span Adjustment:** Used to calibrate the full-scale output (e.g., 20mA) when the maximum rated AC current is applied. --- ## 3. Application Circuit Example To use this part, the AC line is typically connected to a **Current Transformer (CT)**, which then feeds the W2AC-AD2A-R2. ```mermaid graph LR A[AC Power Line] --> B[Current Transformer] B --> C[W2AC-AD2A-R2 Input] C --> D[Internal Rectifier/Isolator] D --> E[4-20mA DC Output] E --> F[PLC / Controller] ``` --- ## 4. Hardware Interface * **Input Terminals:** Receive the AC signal. * **Output Terminals:** Provide the scaled DC signal. * **Power Terminals:** Provide the operating voltage for the internal electronics. * **LED Indicator:** Usually includes a power status LED to indicate the internal DC-DC converter is functional.
    ✨ Follow-up Questions
    • ⤷ What are the specific input current ranges supported by the W2AC series?
    • ⤷ How does 'Mean-Value Rectification' differ from 'True RMS' in signal conditioners?
    • ⤷ What is the standard isolation voltage rating for this model?