データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD2A-R2/N

  • AI
    The **W2AC-AD2A-R2/N** is a specific part number typically associated with high-precision **Electronic Signal Conditioners** or **Transmitters**, often manufactured by companies like **Watanabe Electric Industry**. These devices are designed to convert analog signals (from sensors) into standardized electrical signals for PLCs, DCS, or recording systems. --- ### ## Technical Specifications Breakdown Based on the model code structure, here are the electronic characteristics: | Component | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | AC Current/Voltage | Designed to measure alternating current or voltage. | | **Output 1** | DC 4-20mA | Standard industrial current loop output. | | **Output 2** | DC 1-5V or 0-10V | Secondary output for local monitoring or dual-system logging. | | **Power Supply** | 85-264V AC | Universal AC power input (supports global standards). | | **Accuracy** | ±0.1% to 0.2% FS | High precision conversion for industrial automation. | | **Isolation** | 3-Way Isolation | Isolation between Input, Output, and Power to prevent ground loops. | --- ### ### Core Electronic Components The device functions through several internal electronic stages: 1. **Input Conditioning Stage:** * **Potential Transformers (PT) / Current Transformers (CT):** Steps down high AC levels to a safe electronic voltage. * **RMS-to-DC Converter:** An Integrated Circuit (IC) that calculates the true Root Mean Square (RMS) value of the input waveform. 2. **Isolation Barrier:** * **Optocouplers or Capacitive Isolators:** These parts ensure there is no direct electrical connection between the high-voltage input and the sensitive PLC output, protecting equipment from surges. 3. **Signal Processing:** * **Operational Amplifiers (Op-Amps):** Used for zero and span adjustment, ensuring the output is perfectly calibrated to the input range. 4. **Output Driver:** * **V/I Converters:** Converts the processed voltage signal into a stable 4-20mA current loop capable of driving long cable runs. --- ### ### Key Features * **Response Time:** Usually < 400ms, suitable for general process monitoring. * **Mounting:** Designed for DIN rail installation within electronic control panels. * **Adjustability:** Features front-facing potentiometers for **Zero** and **Span** fine-tuning.
    ✨ Follow-up Questions
    • ⤷ What is the specific input range (e.g.
    • ⤷ 0-1A or 0-5A) for this model?
    • ⤷ Can this device handle non-sinusoidal waveforms or only pure sine waves?
    • ⤷ What are the wiring pinouts for the W2AC series terminal block?