データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD2D-R/N

  • AI
    Based on the model number **W2AC-AD2D-R/N**, this appears to be a specialized industrial controller or converter, likely associated with **Wachendorff** or similar industrial automation brands. This specific configuration typically refers to an **Analog to Digital (or Signal Conditioning) module**. Below is the breakdown of the electronic components and functional parts of this device. --- ### 1. Functional Specification Table | Feature | Specification | | :--- | :--- | | **Input Type** | Dual Analog Channels (typically 0-10V or 4-20mA) | | **Output Type** | Digital Pulse / Frequency / RS485 (depending on config) | | **Isolation** | 3-way Galvanic Isolation (Power/Input/Output) | | **Mounting** | DIN Rail (Standard 35mm) | | **Operating Voltage** | 24V DC / AC | --- ### 2. Core Electronic Sections #### A. Input Signal Conditioning The "AD" in the part number signifies **Analog to Digital** processing. * **A/D Converters:** High-precision converters (often 14-bit or 16-bit) translate incoming voltage or current into digital values. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes and resettable fuses to protect against industrial surges. #### B. The Processing Unit * **Microcontroller (MCU):** An onboard CPU manages the scaling, linearization, and conversion logic. * **Configuration Logic:** The `R/N` suffix often indicates the relay or NPN/PNP output logic configuration. * **Memory:** Non-volatile EEPROM stores user-defined scaling factors and calibration data. #### C. Output Interface * **Digital Switching:** Depending on the `R/N` designation: * **R:** Relay output (mechanical switch for high loads). * **N:** NPN transistor output (high-speed electronic switching). * **Galvanic Isolation:** Optocouplers are used to ensure the output side does not interfere with the sensitive input measurements. #### D. Power Management * **DC-DC Converter:** Converts the input supply (e.g., 24V) into stabilized low voltages (3.3V or 5V) for the internal logic. * **Status Indicators:** Low-power LEDs on the front panel to indicate Power (PWR), Input Status, and Alarm states. --- ### 3. Connection Pinout Logic Typically, the wiring for these units follows this standard layout: | Pin Group | Description | | :--- | :--- | | **Power** | +24V and 0V Supply inputs. | | **Input 1/2** | Analog positive and negative terminals. | | **Digital Out** | Relay contacts (Common, NO, NC) or Transistor (Collector/Emitter). | | **Comm (Optional)** | RS485 A/B lines for Modbus communication. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling rate of the W2AC-AD2D-R/N?
    • ⤷ Can this module be programmed via software or hardware dip-switches?
    • ⤷ Does this model support Modbus RTU communication?