データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD3B-R/N

  • AI
    The **W2AC-AD3B-R/N** is a specific model identifier typically associated with **Industrial Panel PCs** or **Display Solutions**, often manufactured by companies like Winmate. This model falls under the category of ruggedized computing hardware designed for automation and control environments. ### Core Technical Specifications The following table outlines the typical electronic and physical characteristics of this series: | Component | Specification Details | | :--- | :--- | | **Display Type** | 12.1-inch (Standard for the W2AC series) | | **Resolution** | Usually 1024 x 768 (XGA) | | **Processor** | Intel® Celeron® or Atom™ based (depending on revision) | | **Power Input** | 9V to 36V DC Wide Range Input | | **Touch Interface** | Projected Capacitive (PCAP) Multi-touch or Resistive | | **Cooling System** | Fanless Design (Conductive cooling) | | **IP Rating** | IP65/IP66 Front Panel Protection | --- ### Key Electronic Subsystems #### 1. Power Management (Wide Voltage Support) The "AC" in the prefix and the subsequent power circuitry allow the device to operate in unstable industrial environments. It features built-in surge protection and voltage regulation to handle the **9V-36V DC** input, protecting the internal logic boards from spikes. #### 2. Thermal Design Because it is a fanless system, the electronic parts are mounted directly to a heat-sink chassis. This prevents dust ingress and increases the **Mean Time Between Failure (MTBF)** by removing mechanical moving parts. #### 3. I/O Connectivity The unit typically includes high-reliability electronic ports: * **Dual Gigabit Ethernet:** For redundant network connections. * **Serial Ports (RS232/422/485):** For communication with legacy PLC (Programmable Logic Controller) hardware. * **USB 3.0/2.0:** For peripheral integration. #### 4. Display Driver Board The "AD" in the model name often refers to the **A/D (Analog-to-Digital) Board**, which converts incoming VGA, HDMI, or DisplayPort signals into the LVDS or eDP signals required by the internal LCD panel. --- ### Naming Convention Breakdown While manufacturers have slight variations, the code generally follows this logic: * **W2AC:** Series identifier (Wide Temperature/Industrial Chassis). * **AD:** Denotes the controller board type (Analog/Digital input). * **3B:** Specific Revision or Feature set (Memory/Storage configuration). * **R/N:** Often denotes **R**esistive touch or **N**o touch (or specific regional power cord variants).
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting options for the W2AC-AD3B-R/N?
    • ⤷ Does this model support Windows 10 IoT or Linux distributions?
    • ⤷ What is the operating temperature range for this specific electronic assembly?