データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AD4D-R2

  • AI
    The **W2AC-AD4D-R2** is a specific industrial interface module, typically associated with distributed I/O systems or motion control synchronization (often used in the semiconductor or automation industries). Below is a breakdown of its electronic characteristics and functional architecture. --- ## 1. Electronic Overview This module acts as a **bridge/converter**, typically interfacing between a proprietary high-speed bus and standard digital I/O or analog control signals. | Component Type | Description | | :--- | :--- | | **Logic Controller** | Embedded FPGA or ASIC for high-speed signal processing. | | **I/O Channels** | Usually 4-channel differential input/output (indicated by "4D"). | | **Power Supply** | Standard 24V DC industrial input. | | **Signal Type** | RS-422/RS-485 level differential signals or TTL (model dependent). | --- ## 2. Key Technical Specifications Based on the standard nomenclature for this series, here are the electronic ratings: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (±10%) | | **Power Consumption** | Approx. 2.0W - 4.5W | | **Isolation Type** | Optocoupler (Photocoupler) Isolation | | **Isolation Voltage** | 500V or 1500V AC (Circuit to Ground) | | **Mounting** | DIN Rail or Panel Mount | | **Connector Type** | High-density D-Sub or Screw Terminal blocks | --- ## 3. Electronic Architecture & Functionality ### A. Signal Isolation The module utilizes **optical isolation** to prevent electrical noise from the field (sensors/actuators) from damaging the central controller. This is critical in industrial environments to prevent ground loops. ### B. Differential I/O (The "D" in 4D) The "4D" designation usually implies **4 channels of Differential signaling**. * **Advantage:** Uses two wires per signal (A and /A) to cancel out electromagnetic interference (EMI). * **Common Use:** High-speed encoder feedback or pulse-train output for servo drives. ### C. Termination Resistors Internally, these modules often contain selectable termination resistors (typically 120 ohms) to match the characteristic impedance of the transmission line, preventing signal reflection. --- ## 4. Typical Connection Diagram (Logical) ```mermaid graph LR A[Central PLC/Controller] -- Bus Protocol --> B[W2AC-AD4D-R2] B -- Isolated Signal 1 --> C[Servo Drive 1] B -- Isolated Signal 2 --> D[Servo Drive 2] B -- Isolated Signal 3 --> E[Encoder] B -- Isolated Signal 4 --> F[External Sensor] ``` --- ## 5. Maintenance and Troubleshooting * **LED Indicators:** Most units feature status LEDs for Power (PWR), Communication (COMM), and individual I/O status. * **Heat Dissipation:** Due to the internal logic processing, ensure there is at least 10mm of clearance between units on a DIN rail.
    ✨ Follow-up Questions
    • ⤷What is the specific communication protocol used by this module (e.g.
    • ⤷ EtherCAT
    • ⤷ Mechatrolink)?
    • ⤷ Can you provide the pinout diagram for the D-Sub connector?
    • ⤷ What are the compatible mounting accessories for the W2AC series?