データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADAB-R2/N

  • AI
    The **W2AC-ADAB-R2/N** is a specific electronic component, typically classified as a **High-Frequency RF Adapter** or a specialized interface connector often used in telecommunications, testing, and industrial power electronics. Below is a breakdown of its technical characteristics and electronic composition. --- ## 1. Technical Specifications This component is designed to maintain signal integrity while converting or extending electrical connections. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Adapter / Interface Module | | **Frequency Range** | Usually DC up to 3 GHz (Application dependent) | | **Impedance** | 50 Ohms (Standard for RF) | | **Material** | Nickel-plated Brass or Stainless Steel | | **Insulator** | PTFE (Teflon) for high-temperature stability | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Parts & Construction The internal structure of the W2AC-ADAB-R2/N consists of several precision-engineered layers: ### A. The Center Conductor (Contact Pin) * **Material:** Usually Gold-plated Beryllium Copper or Brass. * **Function:** This is the primary signal path. Gold plating is used to minimize contact resistance and prevent oxidation over time. ### B. Dielectric Insulator * **Material:** Polytetrafluoroethylene (PTFE). * **Function:** It separates the center conductor from the outer shell. It is chosen for its low dielectric constant, which prevents signal leakage and maintains the 50-ohm impedance. ### C. Outer Body/Shell * **Material:** Nickel-plated alloy. * **Function:** Acts as the ground (shielding) and provides the mechanical strength for the connection. The "N" suffix in the part number often denotes a specific plating or standard (such as Type N connector compatibility). ### D. Coupling Mechanism * **Type:** Threaded or Snap-on. * **Function:** Ensures a tight mechanical lock to prevent "signal jitter" caused by physical vibrations. --- ## 3. Part Number Decoding (Typical) While manufacturers vary, the nomenclature generally breaks down as follows: * **W2AC:** Series designation (often indicating the wiring or adapter family). * **ADAB:** Adapter Bridge or Interface Type. * **R2:** Revision 2 (indicates an updated design for better thermal or electrical performance). * **N:** Connector style (Type N) or Non-Magnetic finish. --- ## 4. Common Applications * **Base Stations:** Connecting antennas to radio units. * **Test & Measurement:** Used with Network Analyzers to bridge different cable types. * **Industrial Automation:** Routing high-frequency signals in environments with high EMI (Electromagnetic Interference).
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this specific part number?
    • ⤷ Can this adapter be used in high-power microwave applications?
    • ⤷ What are the common failure modes for RF adapters like the W2AC series?