データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADBB-R2/N

  • AI
    The **W2AC-ADBB-R2/N** is a specialized industrial power conversion module, specifically a **high-efficiency AC-DC power supply** designed for telecommunications and server infrastructure. It is often integrated into chassis or modular power systems. --- ### 1. General Specifications This part belongs to a class of hot-swappable power modules. Below are the primary electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Voltage** | Typically 12V DC (Main) | | **Output Power** | Varies by chassis (usually 450W - 1200W range) | | **Form Factor** | Slim-line / Hot-swap module | | **Efficiency Rating** | Often 80 PLUS Gold or Platinum equivalent | --- ### 2. Key Electronic Components The internal architecture of the W2AC-ADBB-R2/N consists of several critical stages: #### A. Input Protection & EMI Filtering * **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage surges. * **Common Mode Chokes:** Filters out electromagnetic interference (EMI) to ensure compliance with FCC/CE standards. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Active Power Factor Correction (PFC) * **PFC Controller & MOSFETs:** Increases efficiency and reduces "dirty power" harmonics. This stage ensures the current is in phase with the voltage, allowing the unit to draw power more efficiently from the grid. #### C. DC-DC Conversion (Switching Stage) * **PWM Controller:** High-frequency pulse-width modulation controls the output voltage stability. * **Main Transformer:** Provides galvanic isolation between the dangerous high-voltage AC input and the low-voltage DC output. * **Synchronous Rectifiers:** Uses MOSFETs instead of diodes on the secondary side to minimize power loss during the conversion to 12V DC. #### D. Control and Monitoring * **I2C / PMBus Interface:** The "/N" or "R2" designations often imply a specific firmware revision or communication protocol. This allows the host server to monitor temperature, fan speed, current draw, and voltage health in real-time. --- ### 3. Safety and Cooling * **Internal Fan:** Active cooling is managed by the onboard controller, varying speed based on thermal load. * **Protection Circuits:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **OTP:** Over Temperature Protection. * **SCP:** Short Circuit Protection. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the W2AC-ADBB-R2/N connector?
    • ⤷ Is this power supply compatible with standard ATX motherboards or specific server chassis?
    • ⤷ What are the specific firmware differences in the R2 revision?