データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADBY-R

  • AI
    The **W2AC-ADBY-R** is a specific model within the **W2 Series** of AC Axial Fans, typically manufactured by companies like **EBM-Papst**. These units are designed for high-performance cooling in industrial cabinets, telecommunications, and server racks. --- ## Technical Specifications & Electronic Components The "W2AC" designation generally refers to the motor type and power configuration. Below is a breakdown of the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Motor Type** | AC external rotor motor (shaded-pole) | | **Input Voltage** | 230V AC (typically 50/60 Hz) | | **Power Consumption** | Approx. 11W - 15W (varies by frequency) | | **Airflow Direction** | Exhaust over struts (standard) | | **Bearing Type** | Ball Bearings (designed for long life and any mounting position) | | **Connection Type** | 2 Flat plugs (terminals) or Lead wires (model dependent) | --- ## Key Electronic Parts & Functionality ### 1. External Rotor Motor Unlike standard motors where the rotor is inside the stator, the W2 series uses an **external rotor design**. - **The Stator:** Fixed in the center. - **The Rotor:** Rotates around the outside of the stator, which is directly integrated into the fan impeller. This results in a more compact design and better cooling for the motor itself. ### 2. Shaded-Pole Induction System The "AC" electronics in this fan usually rely on a **shaded-pole motor** design. - **Simplicity:** It does not require a starting capacitor, reducing the number of failure points. - **Ruggedness:** It can withstand stalled conditions (locked rotor) for certain periods without immediate electronic failure due to its impedance protection. ### 3. Integrated Thermal Protection The internal windings are usually equipped with **impedance protection**. - If the fan blades are blocked, the impedance of the windings prevents the current from rising to a level that would melt the insulation or cause a fire. ### 4. EMI/RFI Suppression As an AC device, it generates minimal electromagnetic interference compared to DC PWM fans, making it suitable for sensitive audio or medical equipment where high-frequency switching noise must be avoided. --- ## Physical Construction - **Housing:** Die-cast aluminum (provides heat dissipation for the motor). - **Impeller:** Sheet steel or reinforced plastic (welded directly to the rotor). - **Safety Rating:** Often carries UL, CSA, and VDE certifications for industrial use. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the W2AC-ADBY-R frame?
    • ⤷ How does an external rotor motor compare to an internal rotor motor in terms of efficiency?
    • ⤷ Can this fan be controlled using a variable frequency drive (VFD)?