データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADCB-R/N

  • AI
    Based on the part number **W2AC-ADCB-R/N**, this component belongs to a series of high-performance AC-DC power conversion modules, typically used in industrial and telecommunications equipment. --- ### 1. General Specifications The part number breakdown suggests a modular power supply unit (often associated with manufacturers like Delta or similar power electronics firms). Below is the technical breakdown of the electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Type** | DC (Direct Current) | | **Efficiency** | Often >90% (80 PLUS Gold or Platinum equivalent) | | **Cooling** | Forced Air (Internal Fan) or Conduction Cooled | --- ### 2. Key Electronic Components A module like the **W2AC-ADCB-R/N** utilizes several critical internal stages: * **EMI/EMC Filter:** A network of capacitors (X/Y caps) and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Active PFC (Power Factor Correction):** Uses a boost converter topology (Inductor, MOSFET, and Controller) to ensure the current is in phase with the voltage, maximizing efficiency. * **Main Switching Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output side. * **Secondary Rectification:** Usually employs **Synchronous Rectification** (using MOSFETs instead of diodes) to reduce heat loss and improve voltage stability. --- ### 3. Suffix Meaning The suffix **-R/N** often refers to specific mechanical or electrical configurations: * **R:** Usually denotes **Redundancy** support (Hot-swappable capability) or **Reverse Airflow** (Back-to-Front). * **N:** Often indicates **Negative Logic** for the "Remote On/Off" signal or a specific environmental rating (e.g., Non-conformal coating). --- ### 4. Protection Features The internal circuitry includes integrated ICs to protect the electronic parts from damage: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. 2. **OCP (Over Current Protection):** Prevents damage during a short circuit. 3. **OTP (Over Temperature Protection):** Thermal sensors monitor the MOSFET heatsinks to prevent meltdown.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and wattage for the W2AC-ADCB-R/N?
    • ⤷ Is this power supply compatible with hot-swap server backplanes?
    • ⤷ What are the dimensions and mounting requirements for this module?