データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADCD-R

  • AI
    The **W2AC-ADCD-R** is a specific model within a series of signal conditioners/transducers, typically used in industrial automation for converting AC signals into high-precision DC signals. ### 1. Overview of Electronic Components The device is a **DIN-rail mounted signal converter**. Its primary electronic function is to take an AC input (Voltage or Current) and provide a linearized, isolated DC output. | Component Category | Description | | :--- | :--- | | **Input Stage** | Precision transformers or shunt resistors to sense AC signals. | | **Rectification & Filtering** | AC-to-DC conversion circuits (True RMS or Average) to smooth the signal. | | **Isolation Barrier** | Optical or Magnetic isolation (usually up to 2000V AC) to protect the PLC/Controller. | | **Output Stage** | Operational amplifiers (Op-Amps) and transistors to drive 4-20mA or 0-10V DC signals. | | **Power Supply** | Internal DC-DC converter to power the internal logic from the auxiliary supply. | --- ### 2. Key Specifications The alphanumeric code "W2AC-ADCD-R" generally breaks down into specific technical parameters: | Feature | Specification Details | | :--- | :--- | | **Input Type** | AC Current (A) or AC Voltage (V) - Frequency range usually 40Hz to 1kHz. | | **Output Type** | DC Current (e.g., 4-20mA) or DC Voltage (e.g., 1-5V). | | **Power Requirement** | Typically 24V DC or 100-240V AC (Model dependent). | | **Accuracy** | Generally ±0.2% to ±0.5% of full scale. | | **Response Time** | Fast response, usually <400ms for 0% to 90% signal change. | --- ### 3. Functional Blocks 1. **AC Sensing:** The "W2AC" prefix indicates it is designed for AC power systems. It uses a high-impedance input to ensure it does not load the source circuit. 2. **Galvanic Isolation:** The device provides **3-way isolation** (Input to Output, Input to Power, and Output to Power). This prevents ground loops and protects sensitive electronics from high-voltage surges. 3. **Signal Normalization:** It converts non-linear AC waveforms into a standard "instrumentation signal" that can be read by a PLC (Programmable Logic Controller) or SCADA system. ### 4. Application Use Cases * **Motor Monitoring:** Measuring the current draw of an AC motor to detect overloads. * **Power Management:** Monitoring line voltage fluctuations in industrial grids. * **Data Acquisition:** Converting high-voltage AC signals into safe low-voltage DC for computer-based logging.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the W2AC-ADCD-R?
    • ⤷ How does True RMS conversion differ from Average Rectification in these parts?
    • ⤷ What is the standard isolation voltage rating for this series?