データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADDA-R

  • AI
    ## Overview of the W2AC-ADDA-R The **W2AC-ADDA-R** is a high-performance analog-to-digital (ADC) and digital-to-analog (DAC) conversion module, typically utilized in industrial automation, signal processing, and PLC expansion systems. It serves as a bridge between the physical analog world and digital processing units. --- ### Core Specifications and Components The module is characterized by its dual-functionality, allowing for simultaneous input and output of analog signals. | Feature | Description | | :--- | :--- | | **Input Channels** | Typically 2 Analog Inputs (AD) | | **Output Channels** | Typically 2 Analog Outputs (DA) | | **Resolution** | 12-bit to 16-bit (depending on specific revision) | | **Signal Range** | 0-10V, 4-20mA, or 0-20mA (Configurable) | | **Communication** | RS485 (Modbus RTU) or proprietary bus interface | | **Isolation** | Photoelectric isolation between logic and I/O | --- ### Electronic Parts & Architecture The internal circuitry of the W2AC-ADDA-R consists of several critical electronic stages: #### 1. Analog-to-Digital Converter (ADC) Section * **Operational Amplifiers (Op-Amps):** Used for signal conditioning, scaling the input voltage/current to a level suitable for the ADC chip. * **Precision Resistors:** High-tolerance resistors (0.1%) are used to convert current signals (4-20mA) into measurable voltages. * **ADC Chip:** The core component that samples the continuous analog voltage and converts it into a binary value. #### 2. Digital-to-Analog Converter (DAC) Section * **DAC Chip:** Receives digital commands from the CPU and generates a corresponding low-level analog voltage. * **Power Output Stage:** Transistors or power op-amps that boost the DAC signal to provide sufficient drive current for industrial actuators or valves. #### 3. Control and Logic Unit * **Microcontroller (MCU):** An ARM-based or specialized logic controller that manages the conversion timing, calibration data, and communication protocols. * **EEPROM:** Stores calibration constants and user-defined configuration settings (e.g., signal range selection). #### 4. Power Management & Isolation * **DC-DC Converter:** Provides isolated power rails to ensure that noise from the industrial environment does not interfere with the digital logic. * **Optocouplers:** Provide galvanic isolation for the communication lines (RS485) to prevent ground loops and protect the host controller. --- ### Typical Application Diagram ```mermaid graph LR Sensor[Analog Sensor] -->|0-10V| ADC[ADC Stage] ADC --> MCU[Microcontroller] MCU -->|RS485| PLC[Master Controller] MCU --> DAC[DAC Stage] DAC -->|4-20mA| Actuator[Industrial Valve] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the sampling rate of the W2AC-ADDA-R module?
    • ⤷ How do I configure the signal type between voltage and current?
    • ⤷ Does this module support Modbus RTU protocol for communication?