データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADDA-R2

  • AI
    The **W2AC-ADDA-R2** is a specialized industrial expansion module typically associated with the **W2 series** of programmable logic controllers (PLCs) or distributed I/O systems. This specific model is an **Analog-to-Digital (AD) and Digital-to-Analog (DA)** conversion module. Below is a breakdown of its electronic components and specifications. --- ### 1. General Specifications The module serves as a bridge between the digital processing of a PLC and the continuous electrical signals of the physical world. | Feature | Description | | :--- | :--- | | **Model** | W2AC-ADDA-R2 | | **Input Type** | Analog (Voltage/Current) | | **Output Type** | Analog (Voltage/Current) | | **Communication** | Internal System Bus (Backplane) | | **Mounting** | DIN Rail or Screw Mount | --- ### 2. Core Electronic Components The internal architecture consists of several critical sub-systems: #### A. Analog-to-Digital Converter (ADC) * **Function:** Converts physical signals (like 0-10V or 4-20mA) into binary data for the CPU. * **Resolution:** Typically features 12-bit or 14-bit resolution, allowing for precise measurements of sensor data. * **Filtering:** Includes RC low-pass filters to eliminate high-frequency noise from industrial environments. #### B. Digital-to-Analog Converter (DAC) * **Function:** Converts digital commands from the PLC into variable voltage or current. * **Usage:** Used to control Variable Frequency Drives (VFDs), proportional valves, or actuators. #### C. Signal Isolation (Optocouplers) * **Protection:** To prevent high-voltage surges in the field from damaging the PLC's main CPU, the "R2" revision usually includes **optical isolation**. * **Grounding:** Separation of the "Analog Ground" and the "Digital Ground" to minimize interference. #### D. Power Regulation * **DC-DC Converters:** Internally steps down the 24V DC system power to the stable 5V or 3.3V required by the ICs. * **Reference Voltage ICs:** High-precision regulators that ensure the analog conversion remains accurate regardless of temperature fluctuations. --- ### 3. Pinout and Interface The module generally features a terminal block for field wiring: 1. **V+ / I+ (Inputs):** Connection points for sensors. 2. **Vout / Iout (Outputs):** Connection points for actuators. 3. **AG (Analog Ground):** The reference point for analog signals. 4. **Shield:** Connection for shielded cables to reduce Electromagnetic Interference (EMI). --- ### 4. Typical Applications * **Temperature Control:** Reading thermocouples (via a transmitter) and adjusting a heating element. * **Pressure Monitoring:** Reading a 4-20mA pressure transducer and regulating a pump speed. * **Positioning:** Controlling a servo drive via a 0-10V signal.
    ✨ Follow-up Questions
    • ⤷ What is the bit-resolution for the ADC in this specific R2 revision?
    • ⤷ Does the W2AC-ADDA-R2 support bipolar voltage ranges like -10V to +10V?
    • ⤷ How do you configure the input mode between current and voltage for this module?