データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADDB-R2

  • AI
    The **W2AC-ADDB-R2** is a specialized electronic component primarily used in industrial power supply systems and motor control applications. It is commonly identified as a **Power Distribution or Interface Module**, often associated with specific manufacturers like Delta Electronics or specialized industrial equipment vendors. --- ### 1. Key Technical Specifications While specific datasheets can vary by OEM, the "W2AC" series generally adheres to the following electrical profiles: | Feature | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Voltage Range** | 100V - 240V AC (Nominal) | | **Configuration** | Double/Dual Channel (Indicated by "DD") | | **Revision** | R2 (Second generation hardware revision) | | **Mounting Type** | DIN Rail or Screw Mount | ### 2. Functional Electronic Components The internal circuitry of the W2AC-ADDB-R2 typically consists of several critical stages: #### A. Rectification and Filtering * **Bridge Rectifiers:** Converts incoming AC voltage to pulsating DC. * **Electrolytic Capacitors:** Smooths the DC ripple to provide stable power to downstream components. #### B. Protection Circuitry * **Varistors (MOV):** Protects the device from high-voltage surges or lightning strikes. * **Fuses/Resettable PTCs:** Ensures the board does not catch fire or fail catastrophically during an over-current event. #### C. Interface & Signaling * **Optocouplers:** Provides galvanic isolation between high-voltage power sections and low-voltage control signals (PLCs). * **Terminal Blocks:** Heavy-duty screw terminals designed for industrial gauge wiring. ### 3. Application Areas This part is typically integrated into larger systems such as: 1. **Servo Drive Systems:** Used as an auxiliary power interface. 2. **Control Cabinets:** Distributing AC power to various sensors and actuators. 3. **Industrial Automation:** Acting as a bridge between the main power line and sensitive logic controllers. --- ### 4. Part Number Breakdown (Typical) * **W2:** Series designation (often related to wiring or power width). * **AC:** Designed for Alternating Current input. * **ADDB:** Specific internal layout/port configuration (Dual-channel). * **R2:** Revision 2 (indicates improved thermal management or component updates over R1).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2AC-ADDB-R2?
    • ⤷ Can this module be used with 3-phase power systems?
    • ⤷ What are the common failure modes for this specific power module?