データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADDB-R2/N

  • AI
    The **W2AC-ADDB-R2/N** is a specialized electronic component typically associated with industrial automation and control systems, specifically within the **IEI Integration Corp** ecosystem (often used in their embedded systems or panel PCs). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Overview This part is an **Interface/Expansion Module** designed to facilitate communication between a main motherboard (SBC) and peripheral displays or sensors. | Attribute | Specification | | :--- | :--- | | **Manufacturer** | IEI Integration Corp | | **Product Type** | Daughterboard / Converter Module | | **Primary Function** | Interface Bridge (often LVDS to VGA or Digital I/O) | | **Input Voltage** | Typically 5V or 12V DC (sourced from the mainboard) | --- ### 2. Key Electronic Components The board consists of several critical stages that manage signal integrity and power: * **Signal Converters (ICs):** It typically utilizes bridge chips to translate high-speed differential signaling (like LVDS) into standardized display outputs or serial data. * **Voltage Regulators:** On-board LDOs (Low-Dropout Regulators) ensure that the logic components receive a stable 3.3V or 1.8V, protecting the sensitive ICs from ripples in the power supply. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressors) diodes to protect against ESD (Electrostatic Discharge) during cable plugging/unplugging. * **Connectors:** High-density pin headers or DF13-style connectors for vibration-resistant connections in industrial environments. --- ### 3. Connection Pinout Logic While specific pinouts depend on the revision, these boards generally follow this electronic logic: 1. **Power Rails:** VCC, GND, and often a backlight power pin (for display applications). 2. **Data Channels:** Differential pairs (TX+/TX-) for high-speed data transmission. 3. **Control Signals:** Enable (EN) and Dimming (PWM) signals for controlling peripheral states. --- ### 4. Technical Summary Table | Feature | Description | | :--- | :--- | | **Form Factor** | Compact Embedded Module | | **Signal Type** | Digital TTL / LVDS | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Compliance** | RoHS Compliant | --- ### 5. Application Example This part is commonly found inside: * **Industrial Panel PCs:** Acting as the bridge between the motherboard and the LCD panel. * **Kiosk Terminals:** Managing the signal routing for touchscreens. * **Medical Equipment:** Providing reliable video output in diagnostic displays.
    ✨ Follow-up Questions
    • ⤷ Which specific IEI motherboard models are compatible with the W2AC-ADDB-R2/N?
    • ⤷ What is the maximum resolution supported by this daughterboard?
    • ⤷ Does this module require specific driver installation in Windows or Linux?