データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-ADDB-R2/Q

  • AI
    Based on the model number **W2AC-ADDB-R2/Q**, this part is an industrial-grade **AC power adapter** or internal power supply module typically used in communication hardware, server chassis, or specialized computing equipment. Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. Part Number Decoding The nomenclature provides specific details about its electronic design: | Segment | Meaning | Description | | :--- | :--- | :--- | | **W2** | Series/Form Factor | Indicates a specific physical footprint (often related to Winmate or similar industrial manufacturers). | | **AC** | Input Type | Alternating Current (standard wall/grid power). | | **ADDB** | Output Configuration | Defines the voltage rails (e.g., 12V DC) and wattage rating. | | **R2/Q** | Revision & Quality | Revision 2.0; "Q" often denotes specific certification or "Quality" binning for stability. | --- ### 2. Key Electronic Specifications While specific data can vary by manufacturer implementation, this part generally adheres to the following electrical profile: * **Input Voltage Range:** 90V ~ 264V AC (Universal Input). * **Frequency:** 47Hz ~ 63Hz. * **Power Output:** Typically rated between **60W to 100W** (depending on the specific ADDB sub-revision). * **Efficiency:** Usually 85% or higher, complying with modern Energy Star or 80 PLUS standards. * **Protection Circuitry:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. --- ### 3. Physical & Connection Interface This part is often used as an **Open Frame** or **U-Channel** power supply, meaning the electronic components are mounted on a PCB designed to be integrated into a larger metallic housing. * **Input Connector:** 3-pin header (Line, Neutral, Ground). * **Output Connector:** Often a 4-pin or 6-pin Molex-style locking connector to prevent accidental disconnection in high-vibration environments. * **Capacitors:** High-grade electrolytic capacitors rated for **105°C** to ensure longevity in industrial settings. --- ### 4. Application Use-Cases Electronic parts with this designation are found in: 1. **Industrial Panel PCs:** Providing stable DC power to the motherboard and LCD backlight. 2. **Network Switches:** Powering logic boards and POE (Power over Ethernet) controllers. 3. **Medical Displays:** Where low electromagnetic interference (EMI) is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage (e.g.
    • ⤷ 12V or 24V) for this specific ADDB revision?
    • ⤷ Does this power supply require active fan cooling or is it conduction cooled?
    • ⤷ What is the MTBF (Mean Time Between Failures) rating for the R2 version?