W2AC-AZCA-R
AI

The **W2AC-AZCA-R** is a specific model of an **AC Axial Fan** manufactured by **ebm-papst**. It is widely used for cooling electronics, ventilation in server racks, and thermal management in industrial equipment.
---
## 1. Technical Specifications
Below are the primary electronic and mechanical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | ebm-papst |
| **Input Voltage** | 115 VAC |
| **Frequency** | 50 / 60 Hz |
| **Airflow** | ~106.0 CFM (180.0 m³/h) |
| **Power Consumption** | 22 W (at 50Hz) / 21 W (at 60Hz) |
| **Bearing Type** | Ball Bearing |
| **Dimensions** | 172mm x 150mm x 38mm |
| **Weight** | 0.82 kg |
| **Termination** | 2 Flat Plugs (Faston connectors) |
---
## 2. Key Electronic Components & Design
The internal architecture of the W2AC-AZCA-R consists of several critical electronic sub-assemblies:
### A. Shaded-Pole Motor
This fan utilizes a shaded-pole AC motor. This is a type of single-phase induction motor that is valued for its simplicity, reliability, and lack of brushes, which reduces electronic noise and mechanical wear.
### B. Impedance Protection
One of the most important electronic safety features is **impedance protection**.
- If the fan rotor is stalled (locked), the internal impedance of the motor windings limits the current flow.
- This prevents the motor from overheating or catching fire without needing external fuses.
### C. Bearing System
The unit uses high-precision **ball bearings**. Electronically, this reduces the torque required for startup and ensures consistent performance across a wide temperature range (-25°C to +70°C).
### D. Housing and Grounding
The housing is typically made of **die-cast aluminum**. It includes a grounding lug to ensure that any static buildup or electrical faults are safely shunted to the chassis ground, protecting sensitive nearby electronic components.
---
## 3. Wiring Configuration
The fan is designed for simple integration into AC circuits.
```yaml
Connection: 2-Pin (L/N)
Voltage: 115V AC
Connector Type: 2.8 x 0.5 mm (Flat plugs)
Protection Class: I (Protective Earth)
```
---
- ⤷
What are the main differences between this AC model and a DC equivalent fan?
- ⤷ Can the speed of the W2AC-AZCA-R be controlled using a PWM signal?
- ⤷ What are the common failure modes for impedance-protected AC fans?