データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AZCA-R2

  • AI
    The **W2AC-AZCA-R2** is a specialized power supply/charger module often associated with automated systems, medical equipment, or high-reliability industrial devices. It is essentially an AC-to-DC power converter designed for specific chassis integration. ### 1. Technical Specifications Below are the typical electronic parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Voltage Range** | 100V – 240V AC (Universal Input) | | **Output Type** | DC (Direct Current) | | **Form Factor** | Internal Modular / Open Frame | | **Protection** | Over-voltage, Over-current, Short-circuit | | **Efficiency** | Typically 85% or higher | --- ### 2. Core Electronic Sub-systems The internal circuitry of the W2AC-AZCA-R2 is divided into several critical stages: #### A. Input Filtering (EMI/EMC) This section contains **MOVs (Metal Oxide Varistors)** for surge protection and **X/Y Capacitors** with common-mode chokes. Its purpose is to prevent electrical noise from the power grid from entering the device and vice versa. #### B. Rectification and PFC * **Bridge Rectifier:** Converts AC sine waves into pulsating DC. * **Power Factor Correction (PFC):** Active circuitry (usually involving an inductor and a MOSFET) that ensures the current is in phase with the voltage, reducing energy waste and harmonic distortion. #### C. DC-DC Conversion (Switch-Mode) This is the "heart" of the module. It uses a **High-Frequency Transformer** and **PWM (Pulse Width Modulation) Controllers**. By switching the current at high frequencies (kHz range), the module can provide high power output in a very small physical footprint. #### D. Feedback Loop (Opto-couplers) To maintain a stable output voltage regardless of the load, the module uses **Opto-isolators**. These components provide a feedback signal from the output side back to the input controller while maintaining electrical isolation for safety. --- ### 3. Key Electronic Components List * **Electrolytic Capacitors:** Used for energy storage and smoothing the DC output ripple. * **Schottky Diodes:** Used on the output stage for rectification due to their low forward voltage drop. * **MOSFETs:** Act as the high-speed switches for the transformation process. * **Control ICs:** Manage the timing of the switches and monitor for fault conditions. --- ### 4. Safety and Compliance The "AZCA" and "R2" designations often refer to specific revisions or compliance standards: * **Isolation:** High dielectric strength between the primary (AC) and secondary (DC) sides. * **Thermal Management:** Integrated heatsinks or thermal pads to dissipate heat from the power transistors.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and wattage for this model?
    • ⤷ Is this part compatible with medical-grade safety standards?
    • ⤷ What are the common failure points in the W2AC series power modules?