データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AZDA-R/Q

  • AI
    The part number **W2AC-AZDA-R/Q** typically refers to a specialized automotive-grade or industrial-grade **AC-DC Power Module** or a specific sub-component within a sensor/switch assembly (often associated with brands like Omron or specialized power supply manufacturers). Below is a breakdown of the electronic characteristics and specifications common to this series. ### 1. General Specifications Based on the nomenclature, this part is designed for high-reliability environments. | Feature | Description | | :--- | :--- | | **Component Type** | AC-DC Converter / Power Interface Module | | **Input Voltage** | Wide range AC input (typically 85V - 264V AC) | | **Mounting Type** | PCB Mount or Chassis Mount (depending on suffix) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Compliance** | RoHS, REACH, and often AEC-Q compliant | --- ### 2. Nomenclature Breakdown While exact manufacturer coding can vary, the alphanumeric segments generally represent the following: * **W2AC**: Indicates the series family, specifically a **Wide-range AC** input architecture. * **AZDA**: Represents the output configuration. "AZ" often denotes a specific voltage rail (e.g., 12V or 24V), while "DA" refers to the dual-channel or high-density output. * **-R**: Typically signifies **RoHS Compliance** or **Reverse polarity protection** features. * **-Q**: A common suffix in the electronics industry for **Automotive Quality** (AEC-Q100/200) or **Quartz-stabilized** timing components if used in a control circuit. --- ### 3. Key Electronic Functions The internal circuitry of this part usually includes the following stages: #### A. Rectification and Filtering It converts incoming Alternating Current (AC) to a stable Direct Current (DC). This involves a bridge rectifier and high-capacitance filter banks to reduce ripple voltage. #### B. Isolation It utilizes a high-frequency transformer to provide galvanic isolation between the input and output, protecting sensitive downstream low-voltage electronics from high-voltage surges. #### C. Regulation Includes an integrated PWM (Pulse Width Modulation) controller to maintain a steady output voltage despite fluctuations in the input power or changes in load demand. --- ### 4. Applications * **Automotive Systems:** On-board charging monitoring or auxiliary power for control units. * **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) or sensor arrays. * **Telecommunications:** Rectifier modules for small-cell base stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and wattage rating for the AZDA variant?
    • ⤷ Is there a datasheet available for the specific manufacturer of this part?
    • ⤷ What are the pinout configurations for PCB mounting this module?