データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AC-AZDA-R2

  • AI
    The **W2AC-AZDA-R2** is a specific model identifier typically associated with **Delta Electronics' AC-DC Power Modules** (often part of their PMT or specialized industrial power supply series). Below is a breakdown of the electronic components, technical specifications, and internal architecture typically found in this unit. --- ### 1. Technical Specifications This device is a high-efficiency power conversion module designed for industrial or telecommunication environments. | Parameter | Description | | :--- | :--- | | **Input Voltage** | 90V AC to 264V AC (Universal Input) | | **Output Voltage** | Typically 12V or 24V DC (Model dependent) | | **Efficiency** | >88% at full load | | **Cooling** | Passive convection (No fan required) | | **Form Factor** | Open frame or L-Bracket chassis | | **Protection** | Overload, Overvoltage, and Thermal protection | --- ### 2. Key Electronic Components The internal PCB of the W2AC-AZDA-R2 consists of several critical stages to convert high-voltage AC into stable low-voltage DC: #### A. Input Filter Stage * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges and lightning strikes. * **X/Y Capacitors & Common Mode Chokes:** These components filter out Electromagnetic Interference (EMI) to comply with global regulations. #### B. Rectification and PFC * **Bridge Rectifier:** Converts the incoming AC sine wave into pulsating DC. * **Power Factor Correction (PFC) Controller:** Likely an active PFC circuit to ensure the power factor remains above 0.9, reducing wasted energy. #### C. Switching Stage (The "Heart") * **MOSFETs (Main Switchers):** High-speed transistors that chop the DC voltage at high frequencies (typically 50kHz - 150kHz). * **PWM Controller IC:** The "brain" that regulates the duty cycle of the MOSFETs to maintain a constant output voltage regardless of load changes. #### D. Isolation and Output * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC input and the safe DC output. * **Schottky Barrier Diodes:** Used for secondary-side rectification due to their low forward voltage drop and fast switching speeds. * **Low ESR Electrolytic Capacitors:** Smooth the output ripple to provide "clean" DC power. --- ### 3. Protection Circuitry To ensure longevity, the W2AC-AZDA-R2 integrates specialized safety sub-circuits: 1. **Opto-Isolator:** Sends feedback from the output back to the controller while maintaining physical isolation. 2. **NTC Thermistor:** Limits "Inrush Current" when the device is first plugged in. 3. **Zener Diodes:** Act as a final failsafe against overvoltage conditions. --- ### 4. Connection Interface ```yaml Terminal_Layout: - PIN 1: AC Line (L) - PIN 2: AC Neutral (N) - PIN 3: Ground (FG) - PIN 4: DC Output (-) - PIN 5: DC Output (+) ```
    ✨ Follow-up Questions
    • ⤷What are the mounting dimensions for the W2AC-AZDA-R2 chassis?
    • ⤷ Is there a specific datasheet for the AZDA-R2 revision?
    • ⤷ What is the maximum operating temperature for this power module?