データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-313-R2

  • AI
    The **W2AP-313-R2** is a high-performance industrial wireless access point module typically based on the **Qualcomm Atheros** chipset architecture. It is designed for integration into enterprise-grade networking equipment, supporting dual-band Wi-Fi capabilities. --- ### Core Electronic Components The architecture of the W2AP-313-R2 is divided into several critical subsystems: | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Main Chipset** | Qualcomm Atheros (e.g., QCA series) | Processes network protocols and manages data routing. | | **Radio Front-End (RFE)** | Power Amplifiers (PA) & Low Noise Amplifiers (LNA) | Boosts signal for transmission and improves sensitivity for reception. | | **Memory (RAM)** | DDR3/DDR4 SDRAM | Provides high-speed data buffering for active connections. | | **Storage (Flash)** | SPI Nor/Nand Flash | Stores the firmware, configuration files, and OS (often OpenWrt-based). | | **Ethernet Controller** | Integrated PHY/Switch | Manages wired backhaul connections (typically 10/100/1000 Mbps). | --- ### Technical Specifications The module follows standard industrial wireless parameters: * **Wireless Standards:** IEEE 802.11ac/n/a (5 GHz) and 802.11b/g/n (2.4 GHz). * **MIMO Support:** Usually 2x2 or 3x3 MIMO (Multiple Input Multiple Output) to increase throughput. * **Interface:** Mini PCIe or M.2 form factor for integration into carrier boards. * **Antenna Connectors:** I-PEX (U.FL) connectors for external antenna attachment. ### Key Electronic Features 1. **Power Management:** Includes integrated DC-DC converters to step down input voltage (usually 3.3V) to the low voltages required by the CPU cores (1.1V - 1.8V). 2. **Thermal Management:** Often features a large metallic heat spreader or thermal pads to dissipate heat generated by the high-frequency RF components. 3. **RF Shielding:** The critical high-frequency circuits are enclosed in a metal "shield can" to prevent Electromagnetic Interference (EMI) with other electronic components. --- ### Basic Logic Block Diagram ```mermaid graph LR A[Power Input] --> B[PMU - Power Management] B --> C[Qualcomm SoC] C --> D[DDR Memory] C --> E[RF Chain 2.4GHz] C --> F[RF Chain 5GHz] E --> G[Antenna Port 1] F --> H[Antenna Port 2] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the W2AP-313-R2 module?
    • ⤷ Is this module compatible with OpenWrt or other open-source firmware?
    • ⤷ What is the maximum theoretical throughput for this specific chipset?