データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-325-R2

  • AI
    The **W2AP-325-R2** is an enterprise-grade, high-performance Wireless Access Point (WAP) typically associated with modern 802.11ac Wave 2 technology. It is designed for high-density environments, utilizing advanced electronic components to manage multiple simultaneous data streams. --- ### Core Electronic Components The architecture of the W2AP-325-R2 is built around several key integrated circuits (ICs) and modules that handle networking, processing, and signal modulation. | Component Type | Description | Key Function | | :--- | :--- | :--- | | **Main Processor (SoC)** | High-frequency ARM-based CPU | Manages packet routing, security protocols, and system OS. | | **Radio Chipsets** | Dual-band (2.4 GHz and 5 GHz) radios | Handles the RF modulation and demodulation for Wi-Fi signals. | | **MIMO Antennas** | 4x4 MU-MIMO (Multiple-Input Multiple-Output) | Allows the AP to communicate with multiple clients simultaneously. | | **Memory (RAM)** | DDR3/DDR4 SDRAM | High-speed temporary storage for traffic buffering and system tasks. | | **Flash Storage** | NAND or SPI Flash | Stores the firmware (OS) and configuration files. | | **Ethernet Controller** | 10/100/1000 Base-T (Gigabit) | Physical interface for wired backhaul connection. | --- ### Technical Specifications & Hardware Features #### 1. RF (Radio Frequency) Subsystem The "Wave 2" designation indicates that the electronic circuitry supports **Multi-User MIMO (MU-MIMO)**. Unlike older electronics that could only talk to one device at a time, this hardware can divide its spatial streams to serve multiple devices in the same clock cycle. #### 2. Power Management (PoE) The device is powered via **Power over Ethernet (802.3at/af)**. * **PD Controller:** An onboard Power Device (PD) controller chip negotiates voltage with the network switch. * **DC-DC Converters:** These step down the 48V PoE input to lower voltages (1.2V, 3.3V, 5V) required by the internal chips. #### 3. Bluetooth Low Energy (BLE) Most R2 variants include an integrated BLE radio. This allows the hardware to: * Function as an asset tracking beacon. * Provide location-based services (wayfinding). * Enable console access for mobile-based configuration. --- ### Comparison of Hardware Performance | Feature | W2AP-325-R2 Capability | | :--- | :--- | | **Max Data Rate (5 GHz)** | 1,733 Mbps | | **Max Data Rate (2.4 GHz)** | 600 Mbps | | **Ethernet Port** | 1x RJ45 Gigabit Ethernet | | **USB Support** | Often includes a USB 2.0 port for cellular modem backup. | --- ### Environmental and Build Quality The electronics are housed in a thermally optimized enclosure. Since these devices run 24/7, they utilize **passive heat sinks** attached to the SoC and Radio ICs to dissipate heat through the chassis, ensuring the capacitors and components do not degrade due to thermal stress.
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-325-R2 support 802.3at (PoE+) or is standard 802.3af sufficient?
    • ⤷ What is the maximum number of concurrent clients supported by its hardware?
    • ⤷ How does the 4x4 MU-MIMO configuration improve electronic efficiency in high-density areas?