データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-33G-R/CE

  • AI
    The **W2AP-33G-R/CE** is a high-performance industrial wireless access point, typically manufactured by companies like **Westermo**. It is designed for harsh environments and critical infrastructure, such as railways, smart cities, and industrial automation. --- ### 1. Technical Specifications Overview The device is built using robust electronic components to ensure high uptime and resistance to electromagnetic interference. | Feature | Specification | | :--- | :--- | | **Radio Standards** | IEEE 802.11a/b/g/n (Dual-band 2.4 GHz & 5 GHz) | | **Throughput** | Up to 450 Mbps (MIMO 3x3 support) | | **Interface** | 2 x 10/100/1000 Base-T Ethernet Ports | | **Power Input** | Redundant 24V DC / 48V DC or PoE (Power over Ethernet) | | **Operating Temp** | -40°C to +70°C | | **Protection Rating** | IP30 (Standard) or higher depending on enclosure | --- ### 2. Key Electronic Components & Architecture #### A. Radio Frequency (RF) Module * **MIMO Technology:** It utilizes a **3x3 MIMO** (Multiple Input, Multiple Output) antenna array. This involves multiple internal signal amplifiers and filters to improve range and reduce dead spots in metal-heavy industrial environments. * **Dual-Band Chipset:** Houses high-sensitivity receivers that allow for simultaneous or selectable operation on 2.4 GHz (for range) and 5 GHz (for speed/less congestion). #### B. Power Management Circuitry * **Galvanic Isolation:** The internal power supply is often isolated to protect the sensitive logic board from voltage spikes and ground loops common in industrial settings. * **Redundancy:** The circuit includes dual-feed diodes, allowing the unit to remain powered if one power source fails. #### C. Processing Unit * **CPU:** Typically features an ARM-based or MIPS industrial processor capable of handling heavy encryption (AES/WPA3) and routing protocols without latency. * **Memory:** Industrial-grade RAM and Flash storage designed for high write-endurance, ensuring the firmware remains stable during power cycles. #### D. Physical Connectors * **M12 or RJ45:** Depending on the specific sub-model (R-rating usually implies Railway or Ruggedized), it may use M12 circular connectors to ensure vibration-proof data connections. * **Antenna Ports:** Standard RP-SMA or N-type connectors with lightning protection circuitry. --- ### 3. Standards and Certifications The "CE" in the model name indicates compliance with European health, safety, and environmental protection standards. * **EN 50155:** (Railway applications) Electronic equipment used on rolling stock. * **EMC Compliance:** High immunity to radiated and conducted emissions. * **Shock & Vibration:** Tested to MIL-STD-810G or similar industrial standards. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and CE variants in this model series?
    • ⤷ Does this device support Power over Ethernet (PoE) 802.3at?
    • ⤷ How do I configure the MIMO settings for optimal industrial coverage?