データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-33Y-R

  • AI
    The **W2AP-33Y-R** belongs to a specific category of high-performance wireless access points, typically utilized in enterprise or industrial networking environments. Below is a detailed breakdown of its electronic components and functional architecture. --- ### 1. Key Technical Specifications The device is designed as a dual-band wireless solution. Its electronic architecture is centered around high-throughput data processing and signal stability. | Feature | Specification Details | | :--- | :--- | | **Radio Frequency** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Technology** | Likely 2x2 or 3x3 Multiple-Input Multiple-Output | | **Ethernet Port** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Power Input** | PoE (Power over Ethernet) 802.3af/at | | **Antenna Type** | Internal High-Gain Omnidirectional | --- ### 2. Core Electronic Components #### A. Main Processor (SoC) The "brain" of the unit is a **System-on-Chip (SoC)**, usually from manufacturers like Qualcomm or Broadcom. It manages: * Packet switching and routing. * Encryption/Decryption (WPA2/WPA3). * Coordination between the Ethernet interface and the radio chips. #### B. Radio Frequency (RF) Front-End This section consists of the components responsible for transmitting and receiving wireless signals: * **Power Amplifiers (PA):** Boosts the signal strength for better coverage. * **Low Noise Amplifiers (LNA):** Increases the sensitivity for receiving weak signals from distant client devices. * **RF Switches:** Rapidly toggles between transmit (Tx) and receive (Rx) modes. #### C. Power Management Circuitry Since these devices are often powered via **PoE (Power over Ethernet)**, the internal board contains: * **PoE Controller:** Negotiates power delivery with the network switch. * **DC-DC Converters:** Steps down the 48V PoE input to lower voltages (3.3V, 1.8V, 1.2V) required by the sensitive silicon chips. --- ### 3. Physical Interface and Build The "R" in the suffix often denotes a specific Revision or Regional regulatory compliance (e.g., RoHS compliant). * **Memory (RAM/Flash):** High-speed DDR3 or DDR4 RAM for buffering data packets and NAND/NOR Flash for storing the firmware (OS). * **ESD Protection:** Built-in surge protection components to prevent damage from static electricity or power spikes over the Ethernet cable. --- ### 4. Typical Block Diagram Logic The electronic flow can be visualized as follows: ```mermaid graph LR A[PoE Input] --> B[Power Management] B --> C[Main CPU/SoC] C <--> D[RAM/Flash Memory] C <--> E[RF Chipset 2.4GHz] C <--> F[RF Chipset 5GHz] E --> G[Antennas] F --> G ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput for the W2AP-33Y-R?
    • ⤷ Does this model support the Wi-Fi 6 (802.11ax) standard?
    • ⤷ What are the specific mounting options for this electronic hardware?