データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-414-R

  • AI
    The **W2AP-414-R** is a specific electronic component, typically categorized as a high-performance **Wi-Fi 6 (802.11ax) Access Point module** or a specialized RF communication sub-assembly often used in enterprise networking equipment. Below is a breakdown of its electronic characteristics and technical architecture. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Standard** | IEEE 802.11ax (Wi-Fi 6) | | **Radio Bands** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Configuration** | Typically 4x4 MU-MIMO (Multi-User, Multiple Input, Multiple Output) | | **Interface** | PCIe or high-speed Ethernet (Model dependent) | | **Encryption** | WPA3, AES-GCMP 256-bit | --- ### 2. Core Electronic Components The "414" designation usually refers to the internal radio architecture. Here are the primary electronic sections found within this assembly: #### A. The SoC (System on Chip) At the heart of the W2AP-414-R is a powerful network processor (often from vendors like **Qualcomm** or **Broadcom**). This chip handles: * **OFDMA Scheduling:** Managing multiple users on the same channel simultaneously. * **Beamforming:** Electronically steering signals toward connected devices. #### B. Front-End Modules (FEM) The module contains multiple FEMs for each spatial stream. Each FEM includes: * **Power Amplifier (PA):** Boosts the transmission signal to maximize range. * **Low Noise Amplifier (LNA):** Increases sensitivity to capture weak signals from distant devices. * **Switch:** Toggles between transmit (Tx) and receive (Rx) modes. #### C. Power Management Integrated Circuit (PMIC) Because Wi-Fi 6 components are power-intensive, the W2AP-414-R utilizes dedicated PMICs to step down voltages and provide stable current to the radio chains, minimizing thermal noise. --- ### 3. Physical Layout & Connectivity * **Antenna Ports:** The module features U.FL or MHF4 miniature RF connectors for attaching external antennas. * **Thermal Design:** It usually includes a large metallic heat spreader or shield to prevent "thermal throttling" during high-speed data transfers. * **Form Factor:** Designed as a "Plug-and-Play" radio card for carrier-grade routers or industrial IoT gateways. --- ### 4. Typical Applications * **Enterprise Access Points:** Providing high-density Wi-Fi for offices. * **Industrial IoT:** Connecting sensors in high-interference environments. * **Public Hotspots:** Managing hundreds of concurrent connections in stadiums or airports.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the W2AP-414-R?
    • ⤷ Which specific chipset manufacturer powers this module?
    • ⤷ How does the 4x4 MIMO in this part compare to standard 2x2 Wi-Fi modules?