データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2AP-414-R2

  • AI
    The **W2AP-414-R2** is a high-performance, enterprise-grade wireless access point module typically used in industrial or commercial networking environments. It is designed to provide robust Wi-Fi connectivity and is often integrated into larger hardware ecosystems. --- ### Core Electronic Specifications Below is a breakdown of the key electronic components and performance metrics associated with this module: | Component/Feature | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) | | **MIMO Configuration** | 2x2 or 4x4 MU-MIMO (depending on specific firmware config) | | **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) | | **Data Rate** | Up to 1.2 Gbps / 1.7 Gbps aggregate throughput | | **Processor** | Highly integrated SoC (System on Chip) optimized for networking | | **Interface** | Ethernet (PoE support), Serial/Console, and USB | --- ### Key Internal Components 1. **Radio Frequency (RF) Front End:** * Contains high-power **Power Amplifiers (PA)** to extend signal range. * Equipped with **Low Noise Amplifiers (LNA)** to improve the sensitivity of incoming signals from weak client devices. 2. **Power Management Unit (PMU):** * Supports **Power over Ethernet (PoE)**, allowing the device to draw power and data through a single RJ45 cable. * Includes voltage regulators to step down 48V PoE to 12V or 3.3V for internal circuitry. 3. **Antenna System:** * Features multiple **U.FL or MMCX connectors** for external antenna attachments. * Supports beamforming technology to focus signals toward specific users. 4. **Memory & Storage:** * **DRAM:** High-speed RAM for handling concurrent user sessions and traffic buffering. * **Flash Memory:** Stores the firmware (usually Linux-based/OpenWrt compatible). --- ### Physical and Electrical Characteristics * **Operating Voltage:** Typically 12V DC input or 48V-56V via PoE (802.3at/af). * **Operating Temperature:** Often rated for industrial ranges (-20°C to +70°C). * **Form Factor:** Compact PCB design for integration into weather-proof enclosures or ceiling mounts. ---
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-414-R2 support the Wi-Fi 6 (802.11ax) standard?
    • ⤷ What is the specific PoE power consumption for this module?
    • ⤷ Can this module be used for outdoor mesh networking?